Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7829BRZ1 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7829BRZ1
Descripción Electrónicos  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7829BRZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7829BRZ1 Datasheet HTML 7Page - Analog Devices AD7829BRZ1 Datasheet HTML 8Page - Analog Devices AD7829BRZ1 Datasheet HTML 9Page - Analog Devices AD7829BRZ1 Datasheet HTML 10Page - Analog Devices AD7829BRZ1 Datasheet HTML 11Page - Analog Devices AD7829BRZ1 Datasheet HTML 12Page - Analog Devices AD7829BRZ1 Datasheet HTML 13Page - Analog Devices AD7829BRZ1 Datasheet HTML 14Page - Analog Devices AD7829BRZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 11 of 28
A suggestion is to tie CONVST to VDD or DGND through a pull-up
or pull-down resistor. A rising edge on the CONVST pin causes
the AD7829 to fully power up, while a rising edge on the PD pin
causes the AD7822 and AD7825 to fully power up. For applica-
tions where power consumption is of concern, the automatic
power-down at the end of a conversion should be used to improve
power performance (see the Power vs. Throughput section).
SUPPLY
4.5V TO 5.5V
10µF
0.1µF
VDD
VREF
VMID
VIN1
1.25V TO
3.75V INPUT
VIN24
VIN4(VIN85)
AGND
DB0 TO DB7
EOC
RD
CS
CONVST
A01
A11
A22
PD3
PARALLEL
INTERFACE
µC/µP
AD7822/
AD7825/
AD7829
DGND
2.5V
AD780
1A0, A1
AD7825/AD7829
2A2
AD7829
3PD
AD7822/AD7825
4VIN2 TO VIN4
AD7825/AD7829
5VIN5 TO VIN8
AD7829
Figure 9. Typical Connection Diagram
ADC TRANSFER FUNCTION
The output coding of the AD7822/AD7825/AD7829 is straight
binary. The designed code transitions occur at successive integer
LSB values (that is, 1 LSB, 2 LSBs, and so on). The LSB size =
VREF/256 (VDD = 5 V) or the LSB size = (0.8 VREF)/256 (VDD =
3 V). The ideal transfer characteristic for the AD7822/AD7825/
AD7829 is shown in Figure 10.
11111111
111...110
111...000
10000000
000...111
000...010
00000000
(VDD = 5V)
1LSB = VREF/256
(VDD = 3V)
1LSB = 0.8VREF/256
000...001
1LSB
VMID
(VDD = 5V) VMID – 1.25V
(VDD = 3V) VMID – 1V
VMID + 1.25V – 1LSB
VMID + 1V – 1LSB
ANALOG INPUT VOLTAGE
Figure 10. Transfer Characteristic
ANALOG INPUT
The AD7822 has a single input channel, and the AD7825 and
AD7829 have four and eight input channels, respectively. Each
input channel has an input span of 2.5 V or 2.0 V, depending on
the supply voltage (VDD). This input span is automatically set up
by an on-chip VDD detector circuit. A 5 V operation of the ADCs
is detected when VDD exceeds 4.1 V, and a 3 V operation is
detected when VDD falls below 3.8 V. This circuit also possesses
a degree of glitch rejection; for example, a glitch from 5.5 V to
2.7 V up to 60 ns wide does not trip the VDD detector.
The VMID pin is used to center this input span anywhere in the
range of AGND to VDD. If no input voltage is applied to VMID,
the default input range is AGND to 2.0 V (VDD = 3 V ± 10%),
that is, centered about 1.0 V; or AGND to 2.5 V (VDD = 5 V ±
10%), that is, centered about 1.25 V. When using the default
input range, the VMID pin can be left unconnected, or in some
cases, it can be decoupled to AGND with a 0.1 μF capacitor.
If, however, an external VMID is applied, the analog input range
is from VMID − 1.0 V to VMID + 1.0 V (VDD = 3 V ± 10%), or
from VMID − 1.25 V to VMID + 1.25 V (VDD = 5 V ± 10%).
The range of values of VMID that can be applied depends on the
value of VDD. For VDD = 3 V ± 10%, the range of values that can
be applied to VMID is from 1.0 V to VDD − 1.0 V and from 1.25 V to
VDD − 1.25 V when VDD = 5 V ± 10%. Table 5 shows the relevant
ranges of VMID and the input span for various values of VDD.
Figure 11 illustrates the input signal range available with various
values of VMID.
Table 5.
VDD
VMID
Internal
VMID Ext
Max
VIN Span
VMID Ext
Min
VIN Span
Unit
5.5
1.25
4.25
3.0 to 5.5
1.25
0 to 2.5
V
5.0
1.25
3.75
2.5 to 5.0
1.25
0 to 2.5
V
4.5
1.25
3.25
2.0 to 4.5
1.25
0 to 2.5
V
3.3
1.00
2.3
1.3 to 3.3
1.00
0 to 2.0
V
3.0
1.00
2.0
1.0 to 3.0
1.00
0 to 2.0
V
2.7
1.00
1.7
0.7 to 2.7
1.00
0 to 2.0
V


Número de pieza similar - AD7829BRZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7829BR AD-AD7829BR Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7829BRU AD-AD7829BRU Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829BRU-1REEL7 AD-AD7829BRU-1REEL7 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
More results

Descripción similar - AD7829BRZ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com