Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8619ARZ-REEL Datasheet(PDF) 6 Page - Analog Devices |
|
AD8619ARZ-REEL Datasheet(HTML) 6 Page - Analog Devices |
6 / 16 page AD8613/AD8617/AD8619 Rev. E | Page 6 of 16 TYPICAL PERFORMANCE CHARACTERISTICS VSY = 5 V or ±2.5 V, unless otherwise noted. 1800 0 INPUT OFFSET VOLTAGE (µV) 1600 1400 1200 1000 800 600 400 200 VSY = 5.5V –0.5V < VCM < +5.5V TA = 25°C Figure 6. Input Offset Voltage Distribution 40 0 01 TCVOS (µV/°C) 0 35 30 25 20 15 10 5 1 23456789 –40°C < TA < 125°C VCM = 2.5V Figure 7. Input Offset Voltage Drift Distribution 2000 –2000 –0.5 5.5 INPUT COMMON MODE VOLTAGE (V) 1500 1000 500 0 –500 –1000 –1500 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VSY = 5V TA = 25°C Figure 8. Input Offset Voltage vs. Input Common-Mode Voltage 400 0 25 150 TEMPERATURE (°C) 350 300 250 200 150 100 50 50 75 100 125 VSY = 5V AND 1.8V Figure 9. Input Bias Current vs. Temperature 50 0 05 SUPPLY VOLTAGE (V) TA = 25°C 40 30 20 10 123 Figure 10. Supply Current vs. Supply Voltage 50 0 –40 TEMPERATURE (°C) 40 30 20 10 –10 20 50 80 110 VSY = ±2.5V, ±1.35V, ±0.9V Figure 11. Supply Current vs. Temperature |
Número de pieza similar - AD8619ARZ-REEL |
|
Descripción similar - AD8619ARZ-REEL |