Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM207EARU Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADM207EARU
Descripción Electrónicos  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM207EARU Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM207EARU Datasheet HTML 4Page - Analog Devices ADM207EARU Datasheet HTML 5Page - Analog Devices ADM207EARU Datasheet HTML 6Page - Analog Devices ADM207EARU Datasheet HTML 7Page - Analog Devices ADM207EARU Datasheet HTML 8Page - Analog Devices ADM207EARU Datasheet HTML 9Page - Analog Devices ADM207EARU Datasheet HTML 10Page - Analog Devices ADM207EARU Datasheet HTML 11Page - Analog Devices ADM207EARU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
LOG FREQUENCY (MHz)
80
70
0
0.33
30
0.6
60
50
10
40
30
20
6
3
118
LIMIT
Figure 12. EMC Conducted Emissions
LOAD CAPACITANCE (pF)
9
7
5
3
1
3000
–7
–5
–3
–1
0
500
1000
1500
2000
2500
Tx O/P LO
Tx O/P HI
Figure 13. Transmitter Output Voltage
High/Low vs. Load Capacitance (230 kbps)
Tx O/P HI
Tx O/P LO
LOAD CURRENT (mA)
15
24
6
8
10
5
–5
–10
–15
0
10
0
Figure 14. Transmitter Output Voltage vs. Load Current
START 30.0MHz
STOP 200.0MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 15. EMC Radiated Emissions
Tx O/P HI LOADED
VCC (V)
9
7
6.0
5
3
–1
–5
–7
–3
–9
4.0
4.5
5.0
5.5
1
Tx O/P LO LOADED
Figure 16. Transmitter Output Voltage vs. Power Supply Voltage
SHDN
V+
V–
1
CH3
CH2
CH1
CH1
5.00V
5.00V
M 50.0µs
3.1V
5.00V
V+, V– EXITING SHDN
T
T
T
2
3
Figure 17. Charge Pump V+, V− Exiting Shutdown


Número de pieza similar - ADM207EARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM207EARU AD-ADM207EARU Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM207EARU AD-ADM207EARU Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL AD-ADM207EARU-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL7 AD-ADM207EARU-REEL7 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARUZ-REEL71 AD-ADM207EARUZ-REEL71 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Descripción similar - ADM207EARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com