Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM1232ARM-REEL Datasheet(PDF) 7 Page - Analog Devices |
|
ADM1232ARM-REEL Datasheet(HTML) 7 Page - Analog Devices |
7 / 12 page ADM1232 Rev. C | Page 7 of 12 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. COMPLIANT TO JEDEC STANDARDS MS-013-AA 10.50 (0.4134) 10.10 (0.3976) OUTLINE DIMENSIONS 0.30 (0.0118) 0.10 (0.0039) 2.65 (0.1043) 2.35 (0.0925) 10.65 (0.4193) 10.00 (0.3937) 7.60 (0.2992) 7.40 (0.2913) 0.75 (0.0295) 0.25 (0.0098) 45° 1.27 (0.0500) 0.40 (0.0157) COPLANARITY 0.10 0.33 (0.0130) 0.20 (0.0079) 0.51 (0.0201) 0.31 (0.0122) SEATING PLANE 8° 0° 16 9 8 1 1.27 (0.0500) BSC Figure 10. 16-Lead Standard Small Outline Package [SOIC_W] Wide Body (RW-16) Dimensions shown in millimeters and (inches) 0.80 0.60 0.40 8° 0° 4 8 1 5 PIN 1 0.65 BSC SEATING PLANE 0.38 0.22 1.10 MAX 3.20 3.00 2.80 COMPLIANT TO JEDEC STANDARDS MO-187-AA COPLANARITY 0.10 0.23 0.08 3.20 3.00 2.80 5.15 4.90 4.65 0.15 0.00 0.95 0.85 0.75 Figure 11. 8-Lead Mini Small Outline Package [MSOP] (RM-8) Dimensions shown in millimeters |
Número de pieza similar - ADM1232ARM-REEL |
|
Descripción similar - ADM1232ARM-REEL |