Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1812-5AKS-REEL Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM1812-5AKS-REEL
Descripción Electrónicos  Microprocessor Reset Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1812-5AKS-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM1812-5AKS-REEL Datasheet HTML 1Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 2Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 3Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 4Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 5Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 6Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 7Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 8Page - Analog Devices ADM1812-5AKS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM181x
TOP VIEW
(Not to Scale)
RST/RST
1
VCC 2
GND
3
Figure 2. 3-Lead SOT-23 Pin Configuration
ADM181x
TOP VIEW
(Not to Scale)
1
VCC
2
GND
3
RST/RST
Figure 3. 3-Lead SC70 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
SOT-23
SC70
1
2
RST
Active High Reset Output. RST remains high while VCC is below the reset
threshold and remains high for 150 ms typical after VCC rises above the reset
threshold. Applies to the ADM1812 and ADM1817 only.
RST
Active Low Reset Output. RST remains low while VCC is below the reset threshold
and remains low for 150 ms typical after VCC rises above the reset threshold.
Applies to the ADM1810, ADM1811, ADM1813, ADM1815, ADM1816, and
ADM1818 only.
2
1
VCC
Supply Voltage. The supply voltage being monitored.
3
3
GND
Ground. 0 V ground reference for all signals.


Número de pieza similar - ADM1812-5AKS-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1812-5ART-REEL AD-ADM1812-5ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1812-5ART-RL7 AD-ADM1812-5ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
More results

Descripción similar - ADM1812-5AKS-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com