Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1055-1.8VCT713 Datasheet(PDF) 6 Page - Microchip Technology |
|
TC1055-1.8VCT713 Datasheet(HTML) 6 Page - Microchip Technology |
6 / 20 page TC1054/TC1055/TC1186 DS21350E-page 6 2002-2012 Microchip Technology Inc. Note: Unless otherwise indicated, VIN = VOUT + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C. FIGURE 2-13: Output Voltage (5V) vs. Temperature (ILOAD = 10 mA). FIGURE 2-14: GND Current vs. Temperature (ILOAD = 10 mA). FIGURE 2-15: GND Current vs. Temperature (ILOAD = 150 mA). FIGURE 2-16: Output Noise vs. Frequency. FIGURE 2-17: Stability Region vs. Load Current. FIGURE 2-18: Measure Rise Time of 3.3V LDO. 4.974 4.976 4.978 4.980 4.982 4.984 4.986 4.988 4.990 4.992 4.994 -40 -20 -10 0 20 40 85 125 ILOAD = 150 mA VIN = 6V CIN = 1 μF COUT = 1 μF TEMPERATURE ( °C) 0 10 20 30 40 50 60 70 -40 -20 -10 0 20 40 85 125 ILOAD = 10 mA VIN = 6V CIN = 1 μF COUT = 1 μF TEMPERATURE ( °C) 0 10 20 30 40 50 60 70 80 -40 -20 -10 0 20 40 85 125 ILOAD = 150 mA VIN = 6V CIN = 1 μF COUT = 1 μF TEMPERATURE ( °C) 10.0 1.0 0.1 0.0 0.01K 0.1K 1K 10K 100K 1000K FREQUENCY (Hz) RLOAD = 50 Ω COUT = 1 μF CIN = 1 μF 1000 100 10 1 0.1 0.01 0 10 20 30 40 50 60 70 80 90 100 LOAD CURRENT (mA) COUT = 1 μF to 10 μF Stable Region VSHDN VOUT Conditions: CIN = 1 µF, COUT = 1 µF, ILOAD = 100 mA, VIN = 4.3V, Temperature = +25°C, Fall Time = 184 µs |
Número de pieza similar - TC1055-1.8VCT713 |
|
Descripción similar - TC1055-1.8VCT713 |