Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1055-1.8VCT713 Datasheet(PDF) 9 Page - Microchip Technology |
|
TC1055-1.8VCT713 Datasheet(HTML) 9 Page - Microchip Technology |
9 / 20 page 2002-2012 Microchip Technology Inc. DS21350E-page 9 TC1054/TC1055/TC1186 4.0 DETAILED DESCRIPTION The TC1054, TC1055 and TC1186 are precision fixed output voltage regulators (If an adjustable version is desired, please see the TC1070/TC1071/TC1187 data sheet (DS21353)). Unlike bipolar regulators, the TC1054, TC1055 and TC1186 supply current does not increase with load current. Figure 4-1 shows a typical application circuit, where the regulator is enabled any time the shutdown input (SHDN) is at or above VIH, and shutdown (disabled) when SHDN is at or below VIL. SHDN may be controlled by a CMOS logic gate or I/O port of a microcontroller. If the SHDN input is not required, it should be connected directly to the input supply. While in Shutdown, supply current decreases to 0.05 µA (typical), VOUT falls to zero volts, and ERROR is open- circuited. FIGURE 4-1: Typical Application Circuit. 4.1 ERROR Open-Drain Output ERROR is driven low whenever VOUT falls out of regulation by more than -5% (typical). This condition may be caused by low input voltage, output current limiting or thermal limiting. The ERROR threshold is 5% below rated VOUT, regardless of the programmed output voltage value (e.g. ERROR = VOL at 4.75V (typical) for a 5.0V regulator and 2.85V (typical) for a 3.0V regulator). ERROR output operation is shown in Figure 4-2. Note that ERROR is active when VOUT falls to VTH and inactive when VOUT rises above VTH by VHYS. As shown in Figure 4-1, ERROR can be used either as a battery low flag or as a processor RESET signal (with the addition of timing capacitor C2). R1 xC2 should be chosen to maintain ERROR below VIH of the processor RESET input for at least 200 ms to allow time for the system to stabilize. Pull-up resistor R1 can be tied to VOUT, VIN or any other voltage less than (VIN +0.3V). FIGURE 4-2: Error Output Operation. 4.2 Output Capacitor A 1 µF (minimum) capacitor from VOUT to ground is recommended. The output capacitor should have an effective series resistance greater than 0.1 and less than 10.0 , with a resonant frequency above 1 MHz. A 1 µF capacitor should be connected from VIN to GND if there is more than 10 inches of wire between the regulator and the AC filter capacitor, or if a battery is used as the power source. Aluminum electrolytic or tantalum capacitor types can be used (since many aluminum electrolytic capacitors freeze at approxi- mately -30°C, solid tantalums are recommended for applications operating below -25°C). When operating from sources other than batteries, supply-noise rejection and transient response can be improved by increasing the value of the input and output capacitors and employing passive filtering techniques. or RESET VOUT SHDN GND ERROR + VIN VOUT 1µF + Battery + 0.2 µF C2 R1 1MΩ V+ BATTLOW 1µF C1 TC1054 TC1055 TC1186 C2 Required Only if ERROR is used as a Processor RESET Signal (see Text) Shutdown Control (to CMOS Logic or Tie to VIN if unused) VTH VOUT ERROR VIH VOL HYSTERESIS (VH) tDELAY |
Número de pieza similar - TC1055-1.8VCT713 |
|
Descripción similar - TC1055-1.8VCT713 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |