Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1055-3.6VCT713 Datasheet(PDF) 2 Page - Microchip Technology |
|
TC1055-3.6VCT713 Datasheet(HTML) 2 Page - Microchip Technology |
2 / 20 page TC1054/TC1055/TC1186 DS21350E-page 2 2002-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † Input Voltage ..................................................................6.75V Output Voltage ..................................... (-0.3V) to (VIN + 0.3V) Power Dissipation ......................... Internally Limited (Note 6) Maximum Voltage on Any Pin ...................VIN +0.3V to -0.3V Operating Junction Temperature Range ..-40°C <TJ< +125°C Storage Temperature.....................................-65°C to +150°C † Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS Electrical Specifications: Unless otherwise noted, VIN =VOUT +1V, IL =100 µA, CL = 3.3 µF, SHDN >VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Input Operating Voltage VIN 2.7 — 6.50 V Note 8 Maximum Output Current IOUTMAX 50 —— mA TC1054 100 —— TC1055 150 —— TC1186 Output Voltage VOUT VR – 2.5% VR ±0.5% VR + 2.5% V Note 1 VOUT Temperature Coefficient TCVOUT —20 — ppm/°C Note 2 — 40 — Line Regulation VOUT/VIN —0.05 0.35 %(VR + 1V) VIN6V Load Regulation TC1054; TC1055 VOUT/VOUT —0.5 2 %(Note 3) IL = 0.1 mA to IOUTMAX TC1186 —0.5 3 Note 1: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V. 2: 3: Regulation is measured at a constant junction temperature using low-duty-cycle pulse testing. Load regu- lation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value. 5: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipa- tion is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms. 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. See Section 5.0 “Thermal Considerations” for more details. 7: Hysteresis voltage is referenced by VR. 8: The minimum VIN has to justify the conditions: VIN VR + VDROPOUT and VIN 2.7V for IL = 0.1 mA to IOUTMAX. 9: Apply for junction temperatures of -40°C to +85°C. TC VOUT = (VOUTMAX – VOUTMIN)x 106 VOUT x T |
Número de pieza similar - TC1055-3.6VCT713 |
|
Descripción similar - TC1055-3.6VCT713 |