Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDZ7064N Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDZ7064N
Descripción Electrónicos  30V N-Channel Logic Level PowerTrench BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ7064N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDZ7064N Datasheet HTML 1Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 2Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 3Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 4Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 5Page - Fairchild Semiconductor FDZ7064N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDZ7064N Rev D4 (W)
Typical Characteristics
0
2
4
6
8
10
0
10
20
30
40
50
60
70
Qg, GATE CHARGE (nC)
ID = 13.5A
VDS = 10V
20V
15V
0
1000
2000
3000
4000
5000
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 119
oC/W
TA = 25
oC
10ms
1ms
100us
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 119°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 119 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Número de pieza similar - FDZ7064N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
More results

Descripción similar - FDZ7064N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ5047N FAIRCHILD-FDZ5047N Datasheet
211Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
   30V N-Channel, Logic Level, PowerTrench MOSFET
FDP6676 FAIRCHILD-FDP6676 Datasheet
82Kb / 5P
   30V N-Channel Logic Level PowerTrench MOSFET
FDZ7296 FAIRCHILD-FDZ7296 Datasheet
218Kb / 6P
   30V N-Channel PowerTrench BGA MOSFET
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com