Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1186-1.8VCT713 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza TC1186-1.8VCT713
Descripción Electrónicos  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186-1.8VCT713 Datasheet(HTML) 3 Page - Microchip Technology

  TC1186-1.8VCT713 Datasheet HTML 1Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 2Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 3Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 4Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 5Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 6Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 7Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 8Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21350E-page 3
TC1054/TC1055/TC1186
Dropout Voltage
VIN –VOUT
—2
mV
IL = 100 µA
—65
IL = 20 mA
—85
120
IL = 50 m
TC1055; TC1186
—180
250
IL = 100 mA
TC1186
270
400
IL = 150 mA (Note 4)
Supply Current
IIN
—50
80
µA
SHDN = VIH,
IL = 0 µA (Note 9)
Shutdown Supply Current
IINSD
0.05
0.5
µA
SHDN = 0V
Power Supply Rejection Ratio
PSRR
64
dB
f
1kHz
Output Short Circuit Current
IOUTSC
—300
450
mA
VOUT = 0V
Thermal Regulation
VOUT/PD
—0.04
V/W
Notes 5, 6
Thermal Shutdown
Die Temperature
TSD
—160
°C
Thermal Shutdown Hysteresis
TSD
—10
°C
Output Noise
eN
260
nV/
Hz IL = IOUTMAX
SHDN Input
SHDN Input High Threshold
VIH
45
%VIN VIN = 2.5V to 6.5V
SHDN Input Low Threshold
VIL
——
15
%VIN VIN = 2.5V to 6.5V
ERROR Output
Minimum VIN Operating Voltage
VINMIN
1.0
V
Output Logic Low Voltage
VOL
400
mV
1 mA Flows to ERROR
ERROR Threshold Voltage
VTH
—0.95 x VR
—V
See Figure 4-2
ERROR Positive Hysteresis
VHYS
—50
mV
Note 7
VOUT to ERROR Delay
tDELAY
—2.5
ms
VOUT falling from
VR to VR – 10%
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, VIN =VOUT +1V, IL =100 µA, CL = 3.3 µF, SHDN >VIH, TA = +25°C. Boldface
type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V,
4.0V, 5.0V.
2:
3:
Regulation is measured at a constant junction temperature using low-duty-cycle pulse testing. Load regu-
lation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output
voltage due to heating effects are covered by the thermal regulation specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX
at VIN = 6V for T = 10 ms.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation causes the device to initiate thermal shutdown. See Section 5.0
“Thermal Considerations”
for more details.
7:
Hysteresis voltage is referenced by VR.
8:
The minimum VIN has to justify the conditions: VIN  VR + VDROPOUT and VIN  2.7V for IL = 0.1 mA to
IOUTMAX.
9:
Apply for junction temperatures of -40°C to +85°C.
TC VOUT = (VOUTMAX – VOUTMIN)x 106
VOUT x T


Número de pieza similar - TC1186-1.8VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1186-1.8VCT713 MICROCHIP-TC1186-1.8VCT713 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
More results

Descripción similar - TC1186-1.8VCT713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com