Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM1818-5ART-REEL Datasheet(PDF) 9 Page - Analog Devices |
|
ADM1818-5ART-REEL Datasheet(HTML) 9 Page - Analog Devices |
9 / 16 page ADM1810 to ADM1813/ADM1815 to ADM1818 Rev. E | Page 9 of 16 ORDERING GUIDE Model1 Temperature Range Trip Point Package Option Branding ADM1810-5AKS-REEL −40°C to +105°C 4.62 V KS-3 (SC70) MZV ADM1810-5AKS-RL7 −40°C to +105°C 4.62 V KS-3 (SC70) MZV ADM1810-5AKSZ-REEL2 −40°C to +105°C 4.62 V KS-3 (SC70) M4Y ADM1810-5AKSZ-RL72 −40°C to +105°C 4.62 V KS-3 (SC70) M4Y ADM1810-5ART-REEL −40°C to +105°C 4.62 V RT-3 (SOT-23) MZV ADM1810-5ART-REEL7 −40°C to +105°C 4.62 V RT-3 (SOT-23) MZV ADM1810-5ARTZ-REEL2 −40°C to +105°C 4.62 V RT-3 (SOT-23) M4Y ADM1810-5ARTZ-RL72 −40°C to +105°C 4.62 V RT-3 (SOT-23) M4Y ADM1810-10AKS-REEL −40°C to +105°C 4.35 V KS-3 (SC70) MZT ADM1810-10AKS-RL7 −40°C to +105°C 4.35 V KS-3 (SC70) MZT ADM1810-10AKSZ-RL2 −40°C to +105°C 4.35 V KS-3 (SC70) M4Z ADM1810-10AKSZ-RL72 −40°C to +105°C 4.35 V KS-3 (SC70) M4Z ADM1810-10ART-REEL −40°C to +105°C 4.35 V RT-3 (SOT-23) MZT ADM1810-10ART-RL7 −40°C to +105°C 4.35 V RT-3 (SOT-23) MZT ADM1810-10ARTZ-RL2 −40°C to +105°C 4.35 V RT-3 (SOT-23) M4Z ADM1810-10ARTZ-RL72 −40°C to +105°C 4.35 V RT-3 (SOT-23) M4Z ADM1811-5AKS-REEL −40°C to +105°C 4.62 V KS-3 (SC70) M1V ADM1811-5AKS-RL7 −40°C to +105°C 4.62 V KS-3 (SC70) M1V ADM1811-5AKSZ-REEL2 −40°C to +105°C 4.62 V KS-3 (SC70) M6Z ADM1811-5AKSZ-RL72 −40°C to +105°C 4.62 V KS-3 (SC70) M6Z ADM1811-5ART-REEL −40°C to +105°C 4.62 V RT-3 (SOT-23) M1V ADM1811-5ART-REEL7 −40°C to +105°C 4.62 V RT-3 (SOT-23) M1V ADM1811-5ARTZ-REEL2 −40°C to +105°C 4.62 V RT-3 (SOT-23) M6Z ADM1811-5ARTZ-RL72 −40°C to +105°C 4.62 V RT-3 (SOT-23) M6Z ADM1811-10AKS-REEL −40°C to +105°C 4.35 V KS-3 (SC70) M1T ADM1811-10AKS-RL7 −40°C to +105°C 4.35 V KS-3 (SC70) M1T ADM1811-10AKSZ-RL2 −40°C to +105°C 4.35 V KS-3 (SC70) M70 ADM1811-10AKSZ-RL72 −40°C to +105°C 4.35 V KS-3 (SC70) M70 ADM1811-10ART-REEL −40°C to +105°C 4.35 V RT-3 (SOT-23) M1T ADM1811-10ART-RL7 −40°C to +105°C 4.35 V RT-3 (SOT-23) M1T ADM1811-10ARTZ-RL2 −40°C to +105°C 4.35 V RT-3 (SOT-23) M70 ADM1811-10ARTZ-RL72 −40°C to +105°C 4.35 V RT-3 (SOT-23) M70 ADM1812-5AKS-REEL −40°C to +105°C 4.62 V KS-3 (SC70) MTV ADM1812-5AKS-RL7 −40°C to +105°C 4.62 V KS-3 (SC70) MTV ADM1812-5AKSZ-REEL2 −40°C to +105°C 4.62 V KS-3 (SC70) M72 ADM1812-5AKSZ-RL72 −40°C to +105°C 4.62 V KS-3 (SC70) M72 ADM1812-5ART-REEL −40°C to +105°C 4.62 V RT-3 (SOT-23) MTV ADM1812-5ART-REEL7 −40°C to +105°C 4.62 V RT-3 (SOT-23) MTV ADM1812-5ARTZ-REEL2 −40°C to +105°C 4.62 V RT-3 (SOT-23) M72 ADM1812-5ARTZ-RL72 −40°C to +105°C 4.62 V RT-3 (SOT-23) M72 ADM1812-10AKS-REEL −40°C to +105°C 4.35 V KS-3 (SC70) MTT ADM1812-10AKS-RL7 −40°C to +105°C 4.35 V KS-3 (SC70) MTT ADM1812-10AKSZ-RL2 −40°C to +105°C 4.35 V KS-3 (SC70) M71 ADM1812-10AKSZ-RL72 −40°C to +105°C 4.35 V KS-3 (SC70) M71 ADM1812-10ART-REEL −40°C to +105°C 4.35 V RT-3 (SOT-23) MTT ADM1812-10ART-RL7 −40°C to +105°C 4.35 V RT-3 (SOT-23) MTT ADM1812-10ARTZ-RL2 −40°C to +105°C 4.35 V RT-3 (SOT-23) M71 ADM1812-10ARTZ-RL72 −40°C to +105°C 4.35 V RT-3 (SOT-23) M71 |
Número de pieza similar - ADM1818-5ART-REEL |
|
Descripción similar - ADM1818-5ART-REEL |