Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFA40U60DN Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFA40U60DN
Descripción Electrónicos  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA40U60DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFA40U60DN Datasheet HTML 1Page - Fairchild Semiconductor FFA40U60DN Datasheet HTML 2Page - Fairchild Semiconductor FFA40U60DN Datasheet HTML 3Page - Fairchild Semiconductor FFA40U60DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C40
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
240
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.7
°C/W
Symbol
Parameter
Min.
Typ.
Max
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 40A
IF = 40A
TC = 25 °C
TC = 100 °C
-
-
-
-
2.1
1.9
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
20
200
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =40A, di/dt = 200A/µs)
-
-
-
-
-
-
110
10
550
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFA40U60DN
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
Applications
• General purpose
• Switching mode power supply
• Free-wheeling diode for motor application
• Power switching circuits
TO-3P
1
2
3
1. Anode 2.Cathode 3. Anode


Número de pieza similar - FFA40U60DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
FFA40U60DN THINKISEMI-FFA40U60DN Datasheet
3Mb / 3P
   40Ampere,600Volt Planar Polyimide Passivated Ultra Fast Recovery Rectifier
FFA40U60DNTU THINKISEMI-FFA40U60DNTU Datasheet
3Mb / 3P
   40Ampere,600Volt Planar Polyimide Passivated Ultra Fast Recovery Rectifier
logo
Inchange Semiconductor ...
FFA40U60DNTU ISC-FFA40U60DNTU Datasheet
285Kb / 2P
   Fast Recovery Rectifier
More results

Descripción similar - FFA40U60DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com