Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5660BRJZ-2500RL7 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD5660BRJZ-2500RL7
Descripción Electrónicos  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5660BRJZ-2500RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5660BRJZ-2500RL7 Datasheet HTML 3Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 4Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 5Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 6Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 7Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 8Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 9Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 10Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 7 of 28
TIMING CHARACTERISTICS
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Limit at TMIN, TMAX
Parameter
VDD = 2.7 V to 3.6 V
VDD = 3.6 V to 5.5 V
Unit
Conditions/Comments
t11
50
33
ns min
SCLK cycle time
t2
13
13
ns min
SCLK high time
t3
13
13
ns min
SCLK low time
t4
13
13
ns min
SYNC to SCLK falling edge setup time
t5
5
5
ns min
Data setup time
t6
4.5
4.5
ns min
Data hold time
t7
0
0
ns min
SCLK falling edge to SYNC rising edge
t8
50
33
ns min
Minimum SYNC high time
t9
13
13
ns min
SYNC rising edge to SCLK fall ignore
t10
0
0
ns min
SCLK falling edge to SYNC fall ignore
1 Maximum SCLK frequency is 30 MHz at VDD = 3.6 V to 5.5 V and 20 MHz at VDD = 2.7 V to 3.6 V.
DIN
LSB = DB0
MSB = DB23 FOR AD5660
MSB = DB15 FOR AD5620/AD5640
SYNC
SCLK
MSB
LSB
t9
t10
t4
t3
t2
t7
t6
t5
t1
t8
Figure 2. Serial Write Operation


Número de pieza similar - AD5660BRJZ-2500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5660BRJ-1 AD-AD5660BRJ-1 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660BRJ-2 AD-AD5660BRJ-2 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660BRJ-3 AD-AD5660BRJ-3 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
More results

Descripción similar - AD5660BRJZ-2500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com