Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5660BRJZ-2500RL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5660BRJZ-2500RL7
Descripción Electrónicos  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5660BRJZ-2500RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5660BRJZ-2500RL7 Datasheet HTML 7Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 8Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 9Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 10Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 11Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 12Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 13Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 14Page - Analog Devices AD5660BRJZ-2500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 11 of 28
CODE
10
8
4
6
2
0
–4
–2
–6
–8
–10
VDD = 3V
VREFOUT = 1.25V
TA = 25C
Figure 11. INL—AD5660-1
CODE
4
–4
3
2
1
0
–1
–2
–3
VDD = 3V
VREFOUT = 1.25V
TA = 25C
Figure 12. INL—AD5640-1
CODE
1.0
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
VDD = 3V
VREFOUT = 1.25V
TA = 25C
Figure 13. INL—AD5620-1
CODE
1.0
0.8
0.4
0.6
0.2
0
–0.4
–0.2
–0.6
–0.8
–1.0
VDD = 3V
VREFOUT = 1.25V
TA = 25C
Figure 14. DNL—AD5660-1
CODE
0.5
–0.5
0
0.4
0.3
0.2
0.1
–0.1
–0.2
–0.3
–0.4
VDD = 3V
VREFOUT = 1.25V
TA = 25C
Figure 15. DNL—AD5640-1
CODE
0.20
–0.20
0
500
1000
1500
2000
2500
3000
3500
4000
0
0.15
0.10
0.05
–0.05
–0.10
–0.15
VDD = 3V
VREFOUT = 1.25V
TA = 25C
Figure 16. DNL—AD5620-1


Número de pieza similar - AD5660BRJZ-2500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5660BRJ-1 AD-AD5660BRJ-1 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660BRJ-2 AD-AD5660BRJ-2 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660BRJ-3 AD-AD5660BRJ-3 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
More results

Descripción similar - AD5660BRJZ-2500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com