Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFPF04U40DP Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFPF04U40DP
Descripción Electrónicos  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF04U40DP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF04U40DP Datasheet HTML 1Page - Fairchild Semiconductor FFPF04U40DP Datasheet HTML 2Page - Fairchild Semiconductor FFPF04U40DP Datasheet HTML 3Page - Fairchild Semiconductor FFPF04U40DP Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY POWER RECTIFIER
Absolute Maximum Ratings (per diode) T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics (per diode) T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
400
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C4
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
40
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
10
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 4A
I F = 4A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.4
1.3
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
10
100
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =4A, di/dt = 200A/µs)
-
-
-
-
-
-
45
3.0
68
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFPF04U40DP
Features
• Ultrafast with soft recovery
• Low forward voltage
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
TO-220F
1
2
3
1. Cathode
2.Anode
3. Cathode


Número de pieza similar - FFPF04U40DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFPF04U40DN FAIRCHILD-FFPF04U40DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Descripción similar - FFPF04U40DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com