Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA07CC0WFP-E2 Datasheet(PDF) 3 Page - Rohm

No. de pieza BA07CC0WFP-E2
Descripción Electrónicos  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA07CC0WFP-E2 Datasheet(HTML) 3 Page - Rohm

  BA07CC0WFP-E2 Datasheet HTML 1Page - Rohm BA07CC0WFP-E2 Datasheet HTML 2Page - Rohm BA07CC0WFP-E2 Datasheet HTML 3Page - Rohm BA07CC0WFP-E2 Datasheet HTML 4Page - Rohm BA07CC0WFP-E2 Datasheet HTML 5Page - Rohm BA07CC0WFP-E2 Datasheet HTML 6Page - Rohm BA07CC0WFP-E2 Datasheet HTML 7Page - Rohm BA07CC0WFP-E2 Datasheet HTML 8Page - Rohm BA07CC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Datasheet
3/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
■2A output BAxxDD0xx Series
Maximum output
current (Max.)
Shutdown
Switch
Package
Output
voltage(Typ.)
Orderable
Part Number
2A
With Switch
TO220FP-5
Tube of 500
1.5V
BA15DD0WT
1.8V
BA18DD0WT
2.5V
BA25DD0WT
3.0V
BA30DD0WT
3.3V
BA33DD0WT
5.0V
BA50DD0WT
9.0V
BA90DD0WT
12.0V
BAJ2DD0WT
16.0V
BAJ6DD0WT
HRP5
Reel of 2000
1.5V
BA15DD0WHFP-TR
1.8V
BA18DD0WHFP-TR
2.5V
BA25DD0WHFP-TR
3.0V
BA30DD0WHFP-TR
3.3V
BA33DD0WHFP-TR
5.0V
BA50DD0WHFP-TR
9.0V
BA90DD0WHFP-TR
12.0V
BAJ2DD0WHFP-TR
16.0V
BAJ6DD0WHFP-TR
No switch
TO220FP-3
Tube of 500
1.5V
BA15DD0T
1.8V
BA18DD0T
2.5V
BA25DD0T
3.0V
BA30DD0T
3.3V
BA33DD0T
5.0V
BA50DD0T
9.0V
BA90DD0T
12.0V
BAJ2DD0T
16.0V
BAJ6DD0T


Número de pieza similar - BA07CC0WFP-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA07CC0WFP-E2 ROHM-BA07CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA07CC0WFP-E2 ROHM-BA07CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Descripción similar - BA07CC0WFP-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com