Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA339BWS13TR Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STA339BWS13TR
Descripción Electrónicos  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS13TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA339BWS13TR Datasheet HTML 7Page - STMicroelectronics STA339BWS13TR Datasheet HTML 8Page - STMicroelectronics STA339BWS13TR Datasheet HTML 9Page - STMicroelectronics STA339BWS13TR Datasheet HTML 10Page - STMicroelectronics STA339BWS13TR Datasheet HTML 11Page - STMicroelectronics STA339BWS13TR Datasheet HTML 12Page - STMicroelectronics STA339BWS13TR Datasheet HTML 13Page - STMicroelectronics STA339BWS13TR Datasheet HTML 14Page - STMicroelectronics STA339BWS13TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
STA339BWS
Pin connections
Doc ID 15276 Rev 5
11/76
11
Power
VCC1
Power positive supply
12
GND
GND1
Power negative supply
13
O
OUT1A
Output half-bridge channel 1A
14
GND
GND_REG
Internal ground reference
15
Power
VDD
Internal 3.3 V reference voltage
16
I
CONFIG
Parallel mode command
17
O
OUT3B / FFX3B
PWM out channel 3B / external bridge driver
18
O
OUT3A / FFX3A
PWM out channel 3A / external bridge driver
19
O
EAPD / OUT4B
Power down for external bridge / PWM out channel 4B
20
I/O
TWARN / OUT4A
Thermal warning from external bridge (pull-up when input)
/ PWM out channel 4A
21
Power
VDD_DIG
Digital supply voltage
22
GND
GND_DIG
Digital ground
23
I
PWRDN
Power down (pull-up)
24
Power
VDD_PLL
Positive supply for PLL
25
I
FILTER_PLL
Connection to PLL filter
26
GND
GND_PLL
Negative supply for PLL
27
I
XTI
PLL input clock
28
I
BICKI
I2S serial clock
29
I
LRCKI
I2S left/right clock
30
I
SDI
I2S serial data channels 1 and 2
31
I
RESET
Reset (pull-up)
32
O
INT_LINE
Fault interrupt
33
I/O
SDA
I2C serial data
34
I
SCL
I2C serial clock
35
GND
GND_DIG
Digital ground
36
Power
VDD_DIG
Digital supply voltage
-
-
EP
Exposed pad for PCB heatsink, to be connected to GND
Table 2.
Pin description (continued)
Pin
Type
Name
Description


Número de pieza similar - STA339BWS13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA339BWS13TR STMICROELECTRONICS-STA339BWS13TR Datasheet
1Mb / 79P
   FFX with 100-dB SNR and dynamic range
September 2014 Rev 8
More results

Descripción similar - STA339BWS13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA369BWS STMICROELECTRONICS-STA369BWS_V01 Datasheet
1Mb / 92P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
September 2014
STA339BWS STMICROELECTRONICS-STA339BWS_11 Datasheet
2Mb / 76P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
STA333BW STMICROELECTRONICS-STA333BW_11 Datasheet
2Mb / 67P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
January 2011 Rev 3
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA381BWS STMICROELECTRONICS-STA381BWS Datasheet
3Mb / 171P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
STA381BWTR STMICROELECTRONICS-STA381BWTR Datasheet
6Mb / 174P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
May 2013 Rev 8
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
   2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com