Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FMBD4148A Datasheet(PDF) 1 Page - First Components International |
|
FMBD4148A Datasheet(HTML) 1 Page - First Components International |
1 / 2 page Dimensions in mm SOT-23 350mW Data Sheet Switching Diode FMBD4148A/SE/CC/CA MARKING: FMBD4148A:5H FMBD4148CA :D6 FMBD4148CC :KD5 FMBD4148SE :D4 Maximum Ratings @TA=25C Parameter Symbol Limits Unit Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 100 V Forward Continuous Current IFM 200 mA Power Dissipation Pd 350 mW Storage temperature TSTG -55-150 ℃ Electrical Characteristics@TA=25 ℃ Parameter Symbol Min. Typ. Max. Unit Conditions V (BR)R1 100 V IR=100µA Reverse Breakdown Voltage V (BR)R2 75 V IR=5µA Forward voltage VF 1/1.25 V IF=10mA /150mA IR1 25 nA VR=25V Reverse current IR2 5 uA VR=75V Diode Capacitance CD 4 pF VR=0V,f=1MHz Reverse Recovery Time trr 4 nS IF=10mA,VR=6V Irr=0.1XIR,RL=100Ω Mechanical Dimensions Description |
Número de pieza similar - FMBD4148A |
|
Descripción similar - FMBD4148A |