Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD558JPZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD558JPZ
Descripción Electrónicos  DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD558JPZ Datasheet(HTML) 7 Page - Analog Devices

  AD558JPZ Datasheet HTML 1Page - Analog Devices AD558JPZ Datasheet HTML 2Page - Analog Devices AD558JPZ Datasheet HTML 3Page - Analog Devices AD558JPZ Datasheet HTML 4Page - Analog Devices AD558JPZ Datasheet HTML 5Page - Analog Devices AD558JPZ Datasheet HTML 6Page - Analog Devices AD558JPZ Datasheet HTML 7Page - Analog Devices AD558JPZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD558
REV. A
–7–
OUTPUT
AMP
16
15
14
13
AGND
VOUT SELECT
VOUT SENSE
VOUT
–V
0.5mA
b. 0 V to 10 V Output Range
Figure 11. Offset Connection Diagrams
INTERFACING THE AD558 TO MICROPROCESSOR
DATA BUSES
The AD558 is configured to act like a “write only” location in
memory that may be made to coincide with a read only memory
location or with a RAM location. The latter case allows data
previously written into the DAC to be read back later via the
RAM. Address decoding is partially complete for either ROM
or RAM. Figure 12 shows interfaces for three popular micropro-
cessor systems.
ADDRESS BUS
DATA BUS
6800
VMA
φ2
R/W
AD558
VOUT
DB0–DB7
16
8
8
CE
CS
ADDRESS
DECODER
16
R/W
→ CE
GATED DECODED ADDRESS
→ CS
a. 6800/AD558 Interface
ADDRESS BUS
DATA BUS
8080A
AD558
VOUT
DB0–DB7
16
8
8
CE
CS
ADDRESS SELECT
PULSE LOGIC
16
MEMW
MEMW
→ CE
DECODED ADDRESS SELECT PULSE
→ CS
b. 8080A/AD558 Interface
ADDRESS BUS
DATA BUS
1802
AD558
VOUT
DB0–DB7
8
8
8
CE
CS
ADDRESS
LATCH
&
DECODE
8
MWR
CDP 1802: MWR
→ CE
DECODED ADDRESS SELECT PULSE
→ CS
TPA
MA 0 – 7
c. 1802/AD558 Interface
Figure 12. Interfacing the AD558 to Microprocessors
Performance (typical @ +25 C, V
CC
+5 V to +15 V unless otherwise noted)
0
LSB
1.75
1.50
1.25
1.00
0.75
0.50
0.25
–0.25
–0.50
–0.75
–1.00
–55
–25
0
+25
+50
+75
+100
+125
oC
FULL
SCALE
ERROR
ALL AD558
AD558S, T
1LSB = 0.39% OF FULL SCALE
Figure 13. Full-Scale Accuracy vs. Temperature
Performance of AD558
0
LSB
1/2
1/4
–55
–25
0
+25
+50
+75
+100
+125
oC
ZERO
ERROR
ALL AD558
AD558S, T
1LSB = 0.39% OF FULL SCALE
–1/4
–1/2
Figure 14. Zero Drift vs. Temperature Performance
of AD558


Número de pieza similar - AD558JPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD558JPZ AD-AD558JPZ Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
AD558JPZ-REEL AD-AD558JPZ-REEL Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
AD558JPZ-REEL7 AD-AD558JPZ-REEL7 Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results

Descripción similar - AD558JPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD557 AD-AD557 Datasheet
238Kb / 4P
   DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
REV. A
AD558 AD-AD558 Datasheet
334Kb / 8P
   DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. A
AD558KNZ AD-AD558KNZ Datasheet
839Kb / 8P
   DACPORT Low Cost, Complete UP-Compatible 8-Bit DAC
REV. A
AD557 AD-AD557_15 Datasheet
560Kb / 6P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. B
AD558 AD-AD558_15 Datasheet
839Kb / 8P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. A
AD558TD AD-AD558TD Datasheet
839Kb / 8P
   DACPORT Low Cost Complete UP-Compatible 8-Bit DAC
REV. A
AD558JNZ AD-AD558JNZ Datasheet
839Kb / 8P
   DACPORT LOW COST, COMPLETE P-COMPATIBLE 8-BIT DAC
REV. A
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
   DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD557 AD-AD557_01 Datasheet
108Kb / 6P
   a DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. B
AD558 AD-AD558_17 Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com