Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD817AR-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD817AR-REEL
Descripción Electrónicos  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD817AR-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD817AR-REEL Datasheet HTML 1Page - Analog Devices AD817AR-REEL Datasheet HTML 2Page - Analog Devices AD817AR-REEL Datasheet HTML 3Page - Analog Devices AD817AR-REEL Datasheet HTML 4Page - Analog Devices AD817AR-REEL Datasheet HTML 5Page - Analog Devices AD817AR-REEL Datasheet HTML 6Page - Analog Devices AD817AR-REEL Datasheet HTML 7Page - Analog Devices AD817AR-REEL Datasheet HTML 8Page - Analog Devices AD817AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
AD817–Typical Characteristics
20
0
15
5
10
020
510
15
SUPPLY VOLTAGE –
± Volts
–V
CM
+V
CM
Figure 1. Common-Mode Voltage Range vs. Supply
20
0
15
5
10
020
510
15
SUPPLY VOLTAGE –
±Volts
R
L = 500Ω
R
L = 150Ω
Figure 2. Output Voltage Swing vs. Supply
V
S = ±15V
10k
100
10
1k
30
0
15
5
10
20
25
LOAD RESISTANCE –
V
S = ±5V
Figure 3. Output Voltage Swing vs. Load Resistance
-40
°C
8.0
6.0
7.5
6.5
7.0
020
510
15
SUPPLY VOLTAGE –
±Volts
+25
°C
+85
°C
Figure 4. Quiescent Supply Current vs. Supply Voltage
for Various Temperatures
20
5
015
10
SUPPLY VOLTAGE –
±Volts
200
300
350
400
250
Figure 5. Slew Rate vs. Supply Voltage
1k
10k
100M
10M
1M
100k
100
1
0.01
0.1
10
FREQUENCY – Hz
Figure 6. Closed-Loop Output Impedance vs. Frequency


Número de pieza similar - AD817AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817AR AD-AD817AR Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR AD-AD817AR Datasheet
208Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results

Descripción similar - AD817AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ANZ AD-AD817ANZ Datasheet
208Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com