Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5336BRUZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5336BRUZ
Descripción Electrónicos  2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5336BRUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5336BRUZ Datasheet HTML 7Page - Analog Devices AD5336BRUZ Datasheet HTML 8Page - Analog Devices AD5336BRUZ Datasheet HTML 9Page - Analog Devices AD5336BRUZ Datasheet HTML 10Page - Analog Devices AD5336BRUZ Datasheet HTML 11Page - Analog Devices AD5336BRUZ Datasheet HTML 12Page - Analog Devices AD5336BRUZ Datasheet HTML 13Page - Analog Devices AD5336BRUZ Datasheet HTML 14Page - Analog Devices AD5336BRUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–11–
Typical Performance Characteristics–
CODE
1.0
0.5
–1.0
0
50
250
100
150
200
0
–0.5
TA = 25 C
VDD = 5V
Figure 5. AD5334 Typical INL Plot
CODE
050
250
100
150
200
–0.1
–0.2
–0.3
0.3
0.1
0.2
0
TA = 25 C
VDD = 5V
Figure 8. AD5334 Typical DNL Plot
VREF – V
0.5
0.25
–0.5
01
5
23
4
0
–0.25
VDD = 5V
TA = 25 C
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 11. AD5334 INL and DNL
Error vs. VREF
CODE
3
0
200
1000
400
600
800
0
–1
–2
–3
2
1
TA = 25 C
VDD = 5V
Figure 6. AD5335 Typical INL Plot
CODE
0.4
–0.4
600
400
800
1000
0
–0.6
0.6
0.2
–0.2
TA = 25 C
VDD = 5V
200
0
Figure 9. AD5335 Typical DNL Plot
TEMPERATURE – C
0.5
0.2
–0.5
40
0
40
0
–0.2
VDD = 5V
VREF = 2V
MAX INL
80
120
–0.4
–0.3
–0.1
0.1
0.3
0.4
MAX DNL
MIN INL
MIN DNL
Figure 12. AD5334 INL Error and
DNL Error vs. Temperature
CODE
12
0
–4
–8
8
4
0
4000
1000
2000
3000
–12
TA = 25 C
VDD = 5V
Figure 7. AD5336 Typical INL Plot
CODE
0.5
2000
3000
4000
0
–1
1
–0.5
TA = 25 C
VDD = 5V
1000
0
Figure 10. AD5336 Typical DNL Plot
GAIN ERROR
TEMPERATURE – C
1
0.5
–1
40
0
40
0
–0.5
VDD = 5V
VREF = 2V
OFFSET ERROR
80
120
Figure 13. AD5334 Offset Error
and Gain Error vs. Temperature


Número de pieza similar - AD5336BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5336BRU AD-AD5336BRU Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRU AD-AD5336BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRU AD-AD5336BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com