Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM3202ARN-REEL Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADM3202ARN-REEL
Descripción Electrónicos  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM3202ARN-REEL Datasheet(HTML) 2 Page - Analog Devices

  ADM3202ARN-REEL Datasheet HTML 1Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 2Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 3Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 4Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 5Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 6Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 7Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 8Page - Analog Devices ADM3202ARN-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ........................... 5
 
Pin Configurations (N, RN, RU, and RW Packages)................5
 
Pin Configurations (RS and RU Packages)................................5
 
Typical Performance Characteristics ..............................................6
 
General Description..........................................................................8
 
Circuit Description .......................................................................8
 
High Baud Rate..............................................................................9
 
Outline Dimensions ....................................................................... 10
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
7/11—Rev. D to Rev. E
Changes to Figure 3.......................................................................... 1
Changes to Table 2............................................................................ 4
Changes to Figure 17........................................................................ 8
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 14
8/06—Rev. C to Rev. D
Changes to Table 1............................................................................ 3
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 12
9/05—Rev. B to Rev. C
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 12
12/01—Rev. A to Rev. B
Changes to Specifications Page....................................................... 2


Número de pieza similar - ADM3202ARN-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARN-REEL7 AD-ADM3202ARN-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARN-REEL7 AD-ADM3202ARN-REEL7 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results

Descripción similar - ADM3202ARN-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3202ARWZ AD-ADM3202ARWZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com