Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1313-YTE85LF Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 2SA1313-YTE85LF
Descripción Electrónicos  Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1313-YTE85LF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1313-YTE85LF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1313-YTE85LF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1313-YTE85LF Datasheet HTML 3Page - Toshiba Semiconductor 2SA1313-YTE85LF Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1313
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1313
Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications
• Excellent hFE linearity: hFE (2) = 25 (min)
at VCE = −6 V, IC = −400 mA
• High voltage: VCEO = −50 V (min)
• Complementary to 2SC3325
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−500
mA
Base current
IB
−50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Número de pieza similar - 2SA1313-YTE85LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1313-Y TOSHIBA-2SA1313-Y Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1313-Y KEXIN-2SA1313-Y Datasheet
1Mb / 2P
   PNP Transistors
More results

Descripción similar - 2SA1313-YTE85LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325Y TOSHIBA-2SC3325Y Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325O TOSHIBA-2SC3325O Datasheet
144Kb / 4P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182 TOSHIBA-2SA1182_07 Datasheet
318Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
   Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1313 TOSHIBA-2SA1313 Datasheet
145Kb / 2P
   TRANSISITOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com