Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5855DC-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI5855DC-T1-E3
Descripción Electrónicos  P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5855DC-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI5855DC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI5855DC-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72232
S10-0547-Rev. C, 08-Mar-10
www.vishay.com
3
Vishay Siliconix
Si5855DC
MOSFET TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 5 V thru 3 V
VDS - Drain-to-Source Voltage (V)
1.5 V
2 V
2.5 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2468
10
ID - Drain Current (A)
VGS = 2.5 V
VGS = 4.5 V
VGS = 1.8 V
0
1
2
3
4
5
0
123
456
VDS = 10 V
ID = 2.7 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0
200
400
600
800
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 2.7 A
TJ - Junction Temperature (°C)


Número de pieza similar - SI5855DC-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5855DC-T1 VISHAY-SI5855DC-T1 Datasheet
86Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. A, 07-Jul-03
More results

Descripción similar - SI5855DC-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5855DC VISHAY-SI5855DC Datasheet
86Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. A, 07-Jul-03
SI5853DC VISHAY-SI5853DC Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5855DC VISHAY-SI5855DC_04 Datasheet
101Kb / 7P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 17-May-04
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
SI5856DC VISHAY-SI5856DC Datasheet
88Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 24-Nov-03
SI5856DC VISHAY-SI5856DC_08 Datasheet
111Kb / 7P
   N-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. C, 28-Feb-05
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com