Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZ5-CE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza DZ5-CE
Descripción Electrónicos  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

DZ5-CE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DZ5-CE Datasheet HTML 2Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 3Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 4Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 5Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 6Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 7Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 8Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 9Page - List of Unclassifed Manufacturers DZ5-CE Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DZ5 Cable Ends
Ordering Information
9
09/98
© 1998 Square D All Rights Reserved
Cabling Accessories
Description
Application
Catalog Number
Weight per lot
in kg (lb)
Ratchet type crimping tool
for cable ends
For 0.25 to 6 mm2 cables
AT2PA5
0.520 (1.147)
For 10 to 35 mm2 cables
AT2PA6
0.520 (1.147)
Description
Cutting Diameter for Copper/
Aluminum Wires in mm
Catalog Number
Weight per lot
in kg (lb)
Cutting pliers
3.5
AT2PB1
0.200 (0.441)
Description
Shank
Length
in mm
Blade Dimensions
in mm
Catalog Number
Weight
in kg (lb)
Insulated screwdriver for
slotted head screws
100
0.5 x 3.5
AB1TV3
0.030 (0.066)
150
0.8 x 5.5
AB1TV2
0.080 (0.176)
150
1 x 6.5
AB1TV1
0.105 (0.232)
Screwdriver for
slotted head screws
75
0.6 x 3.5
AT2PT1
0.040 (0.088)
100
0.8 x 4
AT2PT2
0.045 (0.099)
100
1 x 5.5
AT2PT3
0.080 (0.176)
150
1.2 x 6.5
AT2PT4
0.140 (0.309)
AT2PA5
AT2PB1
AB1TV•
AT2PT•


Número de pieza similar - DZ5-CE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
DZ5-CE007 ETC2-DZ5-CE007 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
DZ5-CE010 ETC2-DZ5-CE010 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
DZ5-CE015 ETC2-DZ5-CE015 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
DZ5-CE025 ETC2-DZ5-CE025 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
More results

Descripción similar - DZ5-CE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
2247 POMONA-2247 Datasheet
30Kb / 1P
   Miniature Double Banana Plug Both Ends Cable Assembly
2239 POMONA-2239 Datasheet
33Kb / 1P
   Single Stacking Banana Plugs Both Ends Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
   Triaxial Cable Assembly Male Both Ends, 3 Lug
4813 POMONA-4813 Datasheet
22Kb / 1P
   Cable Assembly, Microware Right Angle SMA (Male) Both Ends
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Tensility International...
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com