Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2674N-12 Datasheet(PDF) 11 Page - Texas Instruments |
|
LM2674N-12 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 32 page LM2674 www.ti.com SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013 CIN - 22 μF, 50V Tantalum, Sprague “199D Series” COUT - 47 μF, 25V Tantalum, Sprague “595D Series” D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F L1 - 68 μH Sumida #RCR110D-680L R1 - 1.5 k Ω, 1% CB - 0.01 μF, 50V Ceramic For a 5V output, select R2 to be 4.75 k Ω, 1% where VREF = 1.21V Use a 1% resistor for best stability. Figure 23. Standard Test Circuits and Layout Guides Adjustable Output Voltage Versions LM2674 Series Buck Regulator Design Procedure (Fixed Output) PROCEDURE (Fixed Output Voltage Version) EXAMPLE (Fixed Output Voltage Version) To simplify the buck regulator design procedure, Texas Instruments is making available computer design software to be used with the SIMPLE SWITCHERline of switching regulators.LM267X Made Simple (version 6.0)is available on Windows® 3.1, NT, or 95 operating systems. Given: Given: VOUT = Regulated Output Voltage (3.3V, 5V, or 12V) VOUT = 5V VIN(max) = Maximum DC Input Voltage VIN(max) = 12V ILOAD(max) = Maximum Load Current ILOAD(max) = 500 mA 1. Inductor Selection (L1) 1. Inductor Selection (L1) A. Select the correct inductor value selection guide from Figure 25, A. Use the inductor selection guide for the 5V version shown in Figure 24 or Figure 26 (output voltages of 3.3V, 5V, or 12V Figure 24. respectively). For all other voltages, see the design procedure for the adjustable version. B. From the inductor value selection guide, identify the inductance B. From the inductor value selection guide shown in Figure 24, the region intersected by the Maximum Input Voltage line and the inductance region intersected by the 12V horizontal line and the Maximum Load Current line. Each region is identified by an 500mA vertical line is 47 μH, and the inductor code is L13. inductance value and an inductor code (LXX). C. Select an appropriate inductor from the four manufacturer's part C. The inductance value required is 47 μH. From Table 1, go to the numbers listed in Table 1. Each manufacturer makes a different style L13 line and choose an inductor part number from any of the four of inductor to allow flexibility in meeting various design requirements. manufacturers shown. (In most instances, both through hole and Listed below are some of the differentiating characteristics of each surface mount inductors are available.) manufacturer's inductors: Schott: ferrite EP core inductors; these have very low leakage magnetic fields to reduce electro-magnetic interference (EMI) and are the lowest power loss inductors Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM2674 |
Número de pieza similar - LM2674N-12 |
|
Descripción similar - LM2674N-12 |