Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2901NE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2901NE4
Descripción Electrónicos  QUAD DIFFERENTIAL COMPARATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901NE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2901NE4 Datasheet HTML 4Page - Texas Instruments LM2901NE4 Datasheet HTML 5Page - Texas Instruments LM2901NE4 Datasheet HTML 6Page - Texas Instruments LM2901NE4 Datasheet HTML 7Page - Texas Instruments LM2901NE4 Datasheet HTML 8Page - Texas Instruments LM2901NE4 Datasheet HTML 9Page - Texas Instruments LM2901NE4 Datasheet HTML 10Page - Texas Instruments LM2901NE4 Datasheet HTML 11Page - Texas Instruments LM2901NE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
IO – Output Sink Current – mA
T = –55°C
A
T = 25°C
A
T = 125°C
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
LM139, LM239, LM339
LM139A, LM239A, LM339A
LM2901, LM2901AV, LM2901V
SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012
www.ti.com
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
INPUT BIAS CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
OUTPUT SATURATION VOLTAGE
8
Submit Documentation Feedback
Copyright © 1979–2012, Texas Instruments Incorporated
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


Número de pieza similar - LM2901NE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2901NE4 TI-LM2901NE4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901NE4 TI-LM2901NE4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901NE4 TI-LM2901NE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901NE4 TI1-LM2901NE4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM2901NE4 TI1-LM2901NE4 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Descripción similar - LM2901NE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com