Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2901PWG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2901PWG4
Descripción Electrónicos  QUAD DIFFERENTIAL COMPARATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901PWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2901PWG4 Datasheet HTML 3Page - Texas Instruments LM2901PWG4 Datasheet HTML 4Page - Texas Instruments LM2901PWG4 Datasheet HTML 5Page - Texas Instruments LM2901PWG4 Datasheet HTML 6Page - Texas Instruments LM2901PWG4 Datasheet HTML 7Page - Texas Instruments LM2901PWG4 Datasheet HTML 8Page - Texas Instruments LM2901PWG4 Datasheet HTML 9Page - Texas Instruments LM2901PWG4 Datasheet HTML 10Page - Texas Instruments LM2901PWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM139, LM239, LM339
LM139A, LM239A, LM339A
LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM2901
PARAMETER
TEST CONDITIONS(1)
TA
(2)
UNIT
MIN
TYP
MAX
25°C
2
7
Non-A devices
VIC = VICR min,
Full range
15
VIO
Input offset voltage
VO = 1.4 V,
mV
25°C
1
2
VCC = 5 V to MAX
(3)
A-suffix devices
Full range
4
25°C
5
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
200
25°C
–25
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–500
0 to
25°C
VCC – 1.5
Common-mode input-
VICR
V
voltage range(4)
0 to
Full range
VCC – 2
Large-signal differential-
VCC = 15 V, VO = 1.4 V to 11.4 V,
AVD
25°C
25
100
V/mV
voltage amplification
RL ≥ 15 kΩ to VCC
VOH = 5 V
25°C
0.1
50
nA
IOH
High-level output current
VID = 1 V
VOH = VCC MAX
(3)
Full range
1
μA
Non-V devices
150
500
25°C
VID = –1 V,
VOL
Low-level output voltage
V-suffix devices
150
400
mV
IOL = 4 mA
All devices
Full range
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25°C
6
16
mA
VCC = 5 V
0.8
2
Supply current
VO = 2.5 V,
ICC
25°C
mA
(four comparators)
No load
VCC = MAX
(3)
1
2.5
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
Full range (MIN to MAX) for LM2901 is –40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless
otherwise specified.
(3)
VCC MAX = 30 V for non-V devices, and 32 V for V-suffix devices
(4)
The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-
mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output state as long
as the other input remains in the common-mode range. Either or both inputs can go to VCC MAX without damage.
SWITCHING CHARACTERISTICS
VCC = 5 V, TA = 25°C
LM2901
PARAMETER
TEST CONDITIONS
UNIT
TYP
100-mV input step with 5-mV overdrive
1.3
RL connected to 5 V through 5.1 kΩ,
Response time
μs
CL = 15 pF
(1) (2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
Copyright © 1979–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


Número de pieza similar - LM2901PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2901PWG4 TI-LM2901PWG4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWG4 TI-LM2901PWG4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWG4 TI-LM2901PWG4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901PWG4 TI1-LM2901PWG4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM2901PWG4 TI1-LM2901PWG4 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Descripción similar - LM2901PWG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com