Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS22T3G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza SS22T3G
Descripción Electrónicos  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS22T3G Datasheet(HTML) 3 Page - ON Semiconductor

  SS22T3G Datasheet HTML 1Page - ON Semiconductor SS22T3G Datasheet HTML 2Page - ON Semiconductor SS22T3G Datasheet HTML 3Page - ON Semiconductor SS22T3G Datasheet HTML 4Page - ON Semiconductor SS22T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS22, SS24
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
0.7
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
45
85
25
TL, LEAD TEMPERATURE (°C)
2.5
1.5
1.0
0.5
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.5
2.0
0
1.2
1.0
0.8
0.6
0.2
0
65
0.1
0.3
0.5
0.9
10
20
30
125
105
1.0
2.5
1.5
0.4
100
TJ = 125°C
100°C
25°C
−40 °C
0.7
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
0.3
0.5
0.9
100
TJ = 125°C
100°C
25°C
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
10
20
30
2.0
FREQ = 20 kHz
TJ = 125°C
100°C
25°C
TJ = 125°C
100°C
25°C
dc
SQUARE WAVE
Ipk/Io = p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20
dc
SQUARE WAVE
Ipk/Io = p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20


Número de pieza similar - SS22T3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G Datasheet
77Kb / 5P
   Surface Mount Schottky Power Rectifier
July, 2015 ??Rev. 5
logo
Infineon Technologies A...
SS22T3G INFINEON-SS22T3G Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
logo
ON Semiconductor
SS22T3G ONSEMI-SS22T3G Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
SS22T3G ONSEMI-SS22T3G_15 Datasheet
77Kb / 5P
   Surface Mount Schottky Power Rectifier
July, 2015 ??Rev. 5
SS22T3G ONSEMI-SS22T3G_V01 Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier SMB Power Surface Mount Package
March, 2020 - Rev. 8
More results

Descripción similar - SS22T3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com