Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS555CN Datasheet(PDF) 2 Page - STMicroelectronics |
|
TS555CN Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 20 page Absolute maximum ratings and operating conditions TS555 2/20 1 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage +18 V IOUT Output current ± 100 mA Rthja Thermal resistance junction to ambient DIP8 (1) SO8 (2) TSSOP8 (2) 1. Short-circuits can cause excessive heating. These values are typical and specified for a single layer PCB. 2. Short-circuits can cause excessive heating. These values are typical and specified for a four layers PCB. 85 125 120 °C/W Rthjc Thermal resistance junction to case DIP8 (1) SO8 (2) TSSOP8 (2) 41 40 37 °C/W Tj Junction temperature +150 °C Tstg Storage temperature range -65 to +150 °C ESD Human body model (HBM)(3) 3. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 1500 V Machine model (MM)(4) 4. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins remain floating. 200 Charged device model (CDM)(5) 5. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to the ground. 1000 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2 to 16 V IOUT Output sink current Output source current 10 50 mA Toper Operating free air temperature range TS555C TS555I TS555M 0 to +70 -40 to +125 -55 to +125 °C |
Número de pieza similar - TS555CN |
|
Descripción similar - TS555CN |