Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3717AQG3 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza UC3717AQG3
Descripción Electrónicos  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC3717AQG3 Datasheet(HTML) 1 Page - Texas Instruments

  UC3717AQG3 Datasheet HTML 1Page - Texas Instruments UC3717AQG3 Datasheet HTML 2Page - Texas Instruments UC3717AQG3 Datasheet HTML 3Page - Texas Instruments UC3717AQG3 Datasheet HTML 4Page - Texas Instruments UC3717AQG3 Datasheet HTML 5Page - Texas Instruments UC3717AQG3 Datasheet HTML 6Page - Texas Instruments UC3717AQG3 Datasheet HTML 7Page - Texas Instruments UC3717AQG3 Datasheet HTML 8Page - Texas Instruments UC3717AQG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4/97
Full-Step, Half-Step and Micro-Step
Capability
Bipolar Output Current up to 1A
Wide Range of Motor Supply Voltage
10-46V
Low Saturation Voltage with Integrated
Bootstrap
Built-In Fast Recovery Commutating
Diodes
Current Levels Selected in Steps or Varied
Continuously
Thermal Protection with Soft Intervention
Stepper Motor Drive Circuit
The UC3717A is an improved version of the UC3717, used to switch
drive the current in one winding of a bipolar stepper motor.
The
UC3717A has been modified to supply higher winding current, more
reliable thermal protection, and improved efficiency by providing inte-
grated bootstrap circuitry to lower recirculation saturation voltages.
The diagram shown below presents the building blocks of the
UC3717A. Included are an LS-TTL compatible logic input, a current
sensor, a monostable, a thermal shutdown network, and an H-bridge
output stage. The output stage features built-in fast recovery com-
mutating diodes and integrated bootstrap pull up. Two UC3717As
and a few external components form a complete control and drive
unit for LS-TTL or micro-processor controlled stepper motor systems.
The UC3717A is characterized for operation over the temperature
range of 0°C to +70°C.
UC3717A
BLOCK DIAGRAM
FEATURES
DESCRIPTION
Voltage
Logic Supply, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Supply, Vm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V
Input Voltage
Logic Inputs (Pins 7, 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Analog Input (Pin 10). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
Reference Input (Pin 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Input Current
Logic Inputs (Pins 7, 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10mA
Analog Inputs (Pins 10, 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10mA
Output Current (Pins 1, 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1.2A
Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature Range, TS . . . . . . . . . . . . . . . . . . -55°C to +150°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1: All voltages are with respect to ground, Pins 4,
5, 12, 13. Currents are positive into, negative out of the
specified terminal. Pin numbers refer to DIL-16 pack-
age.
Consult Packaging Section of Databook for thermal limi-
tations and considerations of package.
1


Número de pieza similar - UC3717AQG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3717AQG3 TI1-UC3717AQG3 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Descripción similar - UC3717AQG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com