Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2220ADBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2220ADBR
Descripción Electrónicos  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2220ADBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2220ADBR Datasheet HTML 5Page - Texas Instruments TPS2220ADBR Datasheet HTML 6Page - Texas Instruments TPS2220ADBR Datasheet HTML 7Page - Texas Instruments TPS2220ADBR Datasheet HTML 8Page - Texas Instruments TPS2220ADBR Datasheet HTML 9Page - Texas Instruments TPS2220ADBR Datasheet HTML 10Page - Texas Instruments TPS2220ADBR Datasheet HTML 11Page - Texas Instruments TPS2220ADBR Datasheet HTML 12Page - Texas Instruments TPS2220ADBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
50%
LATCH
VDD
GND
10%
90%
tpd(on)
GND
VO(xVPP)
Propagation Delay (xVPP)
50%
LATCH
VDD
GND
10%
90%
tpd(on)
GND
VO(xVCC)
Propagation Delay (xVCC)
10%
90%
tr
GND
VO(xVPP)
Rise/Fall Time (xVPP)
tf
10%
90%
tr
GND
VO(xVCC)
Rise/Fall Time (xVCC)
tf
50%
VDD
GND
10%
90%
ton
GND
VO(xVCC)
Turnon/off Time (xVCC)
xVPP
VOLTAGE WAVEFORMS
LOAD CIRCUIT (xVPP)
IO(xVPP)
xVCC
50%
LATCH
VDD
GND
10%
90%
ton
GND
VO(xVPP)
Turnon/off Time (xVPP)
IO(xVCC)
tpd(off)
tpd(off)
toff
toff
LOAD CIRCUIT (xVCC)
VI(12V/5V/3.3V)
VI(5V/3.3V)
VI(12V/5V/3.3V)
VI(5V/3.3V)
VI(12V/5V/3.3V)
VI(5V/3.3V)
LATCH
D10
D9
D8
D7
D6
D5
D4
D3
D2
DATA
LATCH
CLOCK
D1
D0
Data Setup Time
Data Hold Time
Latch Delay Time
Clock Delay Time
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428E – MAY 2002 – REVISED MSRCH 2008
Figure 1. Test Circuits and Voltage Waveforms
NOTE: Data is clocked in on the positive edge of the clock. The positive edge of the latch signal should occur before the next
positive edge of the clock. For definition of D0 to D10, see the control logic table.
Figure 2. Serial-Interface Timing for TPS2226A
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2220A TPS2223A TPS2224A TPS2226A


Número de pieza similar - TPS2220ADBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2220ADB TI-TPS2220ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220ADBG4 TI-TPS2220ADBG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2220ADBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com