Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2223ADBRG4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS2223ADBRG4
Descripción Electrónicos  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2223ADBRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2223ADBRG4 Datasheet HTML 6Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 7Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 8Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 9Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 10Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 11Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 12Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 13Page - Texas Instruments TPS2223ADBRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
Table of Graphs
1
2
3
4
5
t − Time − ms
0
VO(/OC)
2 V/div
IO(xVPP)
2 A/div
100
200
300
400
500
t − Time −
µs
0
VO(/OC)
5 V/div
IO(VCC)
5 A/div
VIN(5V)
2 V/div
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428E – MAY 2002 – REVISED MSRCH 2008
PARAMETER MEASUREMENT INFORMATION (continued)
FIGURE
Short-circuit response, short applied to powered-on 5-V xVCC-switch output
vs Time
3
Short-circuit response, short applied to powered-on 12-V xVPP-switch output vs Time
4
OC response with ramped overcurrent-limit load on 5-V xVCC-switch output
vs Time
5
OC response with ramped overcurrent-limit load on 12-V xVPP-switch output vs Time
6
xVCC Turnon propagation delay time L = 150 µF)
vs Junction temperature
7
xVCC Turnoff propagation delay time L = 150 µF)
vs Junction temperature
8
xVPP Turnon propagation delay time L = 10 µF)
vs Junction temperature
9
xVPP Turnoff propagation delay time L = 10 µF)
vs Junction temperature
10
xVCC Turnon propagation delay time (TJ = 25°C)
vs Load capacitance
11
xVCC Turnoff propagation delay time (TJ = 25°C)
vs Load capacitance
12
xVPP Turnon propagation delay time (TJ = 25°C)
vs Load capacitance
13
xVPP Turnoff propagation delay time (TJ = 25°C)
vs Load capacitance
14
xVCC Rise time L = 150 µF)
vs Junction temperature
15
xVCC Fall time L = 150 µF)
vs Junction temperature
16
xVPP Rise time L = 10 µF)
vs Junction temperature
17
xVPP Fall time L = 10 µF)
vs Junction temperature
18
xVCC Rise time (TJ = 25°C)
vs Load capacitance
19
xVCC Fall time (TJ = 25°C)
vs Load capacitance
20
xVPP Rise time (TJ = 25°C)
vs Load capacitance
21
xVPP Fall time (TJ = 25°C)
vs Load capacitance
22
SHORT-CIRCUIT RESPONSE,
SHORT-CIRCUIT RESPONSE,
SHORT APPLIED TO POWERED-ON 5-V
SHORT APPLIED TO POWERED-ON 12-V
xVCC-SWITCH OUTPUT
xVPP-SWITCH OUTPUT
Figure 3.
Figure 4.
10
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2220A TPS2223A TPS2224A TPS2226A


Número de pieza similar - TPS2223ADBRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2223ADB TI-TPS2223ADB Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223ADBG4 TI-TPS2223ADBG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2223ADBRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com