Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2814PWLE Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS2814PWLE
Descripción Electrónicos  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2814PWLE Datasheet(HTML) 1 Page - Texas Instruments

  TPS2814PWLE Datasheet HTML 1Page - Texas Instruments TPS2814PWLE Datasheet HTML 2Page - Texas Instruments TPS2814PWLE Datasheet HTML 3Page - Texas Instruments TPS2814PWLE Datasheet HTML 4Page - Texas Instruments TPS2814PWLE Datasheet HTML 5Page - Texas Instruments TPS2814PWLE Datasheet HTML 6Page - Texas Instruments TPS2814PWLE Datasheet HTML 7Page - Texas Instruments TPS2814PWLE Datasheet HTML 8Page - Texas Instruments TPS2814PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
1
www.ti.com
D Industry-Standard Driver Replacement
D 25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay − 1-nF Load, VCC = 14 V
D 2-A Peak Output Current, VCC = 14 V
D 5-µA Supply Current — Input High or Low
D 4-V to 14-V Supply-Voltage Range; Internal
Regulator Extends Range to 40 V (TPS2811,
TPS2812, TPS2813)
D −40°C to 125°C Ambient-Temperature
Operating Range
description
The TPS28xx series of dual high-speed MOSFET
drivers are capable of delivering peak currents of 2 A
into highly capacitive loads. This performance is
achieved with a design that inherently minimizes
shoot-through current and consumes an order of
magnitude less supply current than competitive
products.
The TPS2811, TPS2812, and TPS2813 drivers include
a regulator to allow operation with supply inputs
between 14 V and 40 V. The regulator output can power
other circuitry, provided power dissipation does
not exceed package limitations. When the regulator is not required, REG_IN and REG_OUT can be left disconnected
or both can be connected to VCC or GND.
The TPS2814 and the TPS2815 have 2-input gates that give the user greater flexibility in controlling the MOSFET.
The TPS2814 has AND input gates with one inverting input. The TPS2815 has dual-input NAND gates.
TPS281x series drivers, available in 8-pin PDIP, SOIC, and TSSOP packages operate over a ambient temperature
range of −40
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
INTERNAL
REGULATOR
LOGIC FUNCTION
SMALL
OUTLINE
(D)
PLASTIC
DIP
(P)
TSSOP (PW)
−40
°C
to
Yes
Dual inverting drivers
Dual noninverting drivers
One inverting and one noninverting driver
TPS2811D
TPS2812D
TPS2813D
TPS2811P
TPS2812P
TPS2813P
TPS2811PW
TPS2812PW
TPS2813PW
to
125
°C
No
Dual 2-input AND drivers, one inverting input on each driver
Dual 2-input NAND drivers
TPS2814D
TPS2815D
TPS2814P
TPS2815P
TPS2814PW
TPS2815PW
The D package is available taped and reeled. Add R suffix to device type (e.g., TPS2811DR). The PW package is only available left-end
taped and reeled and is indicated by the R suffix on the device type (e.g., TPS2811PWR).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
REG_IN
1IN
GND
2IN
REG_OUT
1OUT
VCC
2OUT
TPS2811, TPS2812, TPS2813
... D, P, AND PW
PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
1IN1
1IN2
2IN1
2IN2
GND
1OUT
VCC
2OUT
TPS2814
... D, P, AND PW PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
1IN1
1IN2
2IN1
2IN2
GND
1OUT
VCC
2OUT
TPS2815
... D, P, AND PW PACKAGES
(TOP VIEW)


Número de pieza similar - TPS2814PWLE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2814PW TI-TPS2814PW Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

Descripción similar - TPS2814PWLE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com