Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4748A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 1N4748A
Descripción Electrónicos  Zener Diodes Operating and Storage Temperature Range -65 to 200
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4748A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N4748A Datasheet HTML 1Page - Fairchild Semiconductor 1N4748A Datasheet HTML 2Page - Fairchild Semiconductor 1N4748A Datasheet HTML 3Page - Fairchild Semiconductor 1N4748A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H3
2
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30C ± 1C and 3/8” lead length.
2. 2 Square wave Reverse Surge at 8.3 msec soak time.
Top Mark Information
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage
Current
Non-Repetitive
Peak Reverse
Current
IZSM (mA) (Note 2)
Min.
Typ.
Max.
ZZ @ IZ
()
ZZK @
IZK ()
IZK
(mA)
IR
(A)
VR
(V)
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
12.35
14.25
15.2
17.1
19
13
15
16
18
20
13.65
15.75
16.8
18.9
21
19
17
15.5
14
12.5
10
14
16
20
22
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
9.9
11.4
12.2
13.7
15.2
344
304
285
250
225
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
20.9
22.8
25.65
28.5
31.35
22
24
27
30
33
23.1
25.2
28.35
31.5
34.65
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
16.7
18.2
20.6
22.8
25.1
205
190
170
150
135
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
34.2
37.05
40.85
44.65
48.45
36
39
43
47
51
37.8
40.95
45.15
49.35
53.55
7
6.5
6
5.5
5
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
27.4
29.7
32.7
35.8
38.8
125
115
110
95
90
1N4758A
53.2
56
58.8
4.5
110
2000
0.25
5
42.6
80
Device
Line 1
Line 2
Line 3
Line 4
Line 5
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
28
29
30
31
32
A
A
A
A
A
XY
XY
XY
XY
XY
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
33
34
35
36
37
A
A
A
A
A
XY
XY
XY
XY
XY
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
38
39
40
41
42
A
A
A
A
A
XY
XY
XY
XY
XY
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
43
44
45
46
47
A
A
A
A
A
XY
XY
XY
XY
XY
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
48
49
50
51
52
A
A
A
A
A
XY
XY
XY
XY
XY
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
53
54
55
56
57
A
A
A
A
A
XY
XY
XY
XY
XY
1N4758A
LOGO
47
58
A
XY


Número de pieza similar - 1N4748A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4748A PHILIPS-1N4748A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4748A VISHAY-1N4748A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Renesas Technology Corp
1N4748A RENESAS-1N4748A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4748A ANOVA-1N4748A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4748A ETC1-1N4748A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N4748A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Laird Tech Smart Techno...
CM7060W101R-10 LSTD-CM7060W101R-10 Datasheet
161Kb / 1P
   STORAGE TEMPERATURE RANGE
logo
Shoulder Electronics Li...
HDV15300323301 SHOULDER-HDV15300323301 Datasheet
188Kb / 3P
   Storage Temperature Range
HDF798ATS4 SHOULDER-HDF798ATS4 Datasheet
210Kb / 8P
   Storage Temperature Range
HDBF11535A21 SHOULDER-HDBF11535A21 Datasheet
178Kb / 8P
   Storage Temperature Range
logo
Projects Unlimited, Inc...
AI-4033-TWT-R PUI-AI-4033-TWT-R Datasheet
191Kb / 1P
   REVISED OPERATING & STORAGE TEMPERATURE
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
JIEJIE MICROELECTRONICS...
JCT825I JIEJIE-JCT825I Datasheet
273Kb / 4P
   Storage junction temperature range
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Murata Manufacturing Co...
935132424522-XXN MURATA1-935132424522-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2
935132424547-XXN MURATA1-935132424547-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com