Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-091J Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-091J Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 14 page 6 HCPL-090J, HCPL-091J and HCPL-092J Narrow Body SOIC-16 Package Package Characteristics Parameter Symbol Min. Typ. Max. Units Test Conditions Capacitance (Input-Output)[1] C I-O pF f = 1 MHz Single Channel 1.1 Dual Channel 2.0 Quad Channel 4.0 Thermal Resistance θ JCT °C/W Thermocouple located at 8-Pin PDIP 54 center underside of package 8-Pin SOIC 144 16-Pin SOIC Narrow Body 41 16-Pin SOIC Wide Body 28 Package Power Dissipation P PD mW 8-Pin PDIP 150 8-Pin SOIC 150 16-Pin SOIC Narrow Body 150 16-Pin SOIC Wide Body 150 Notes: 1. Single and dual channels device are considered two-terminal devices: pins 1-4 shorted and pins 5-8 shorted. Quad channel devices are con- sidered two-terminal devices: pins 1-8 shorted and pins 9-16 shorted. This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends that all inte- grated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to complete failure. 1 Pin 1 indent 8 0.228 (5.791) 0.244 (6.197) 0.386 (9.802) 0.394 (9.999) 0.152 (3.861) 0.157 (3.988) 0.013 (0.330) 0.020 (0.508) 0.040 (1.016) 0.060 (1.524) 0.040 (1.020) 0.050 (1.270) 0.054 (1.372) 0.072 (1.800) 0.004 (0.102) 0.012 (0.300) 0.016 (0.406) 0.050 (1.270) 0.007 (0.200) 0.013 (0.330) DIMENSIONS: INCHES (MILLIMETERS) MIN MAX |
Número de pieza similar - HCPL-091J |
|
Descripción similar - HCPL-091J |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |