Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-HM64-Y30XX Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-HM64-Y30XX
Descripción Electrónicos  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM64-Y30XX Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HM64-Y30XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Absolute Maximum Ratings
TJ = 25°C
Parameter
Red
Green and Blue
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
116
mW
Reverse Voltage
5 (IR = 100 μA)
5 (IR = 10 μA)
V
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +100
-40 to +85
°C
Storage Temperature Range
-40 to +100
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty Factor 30%, frequency 1KHz.
3. Duty Factor 10%, frequency 1KHz.
Electrical / Optical Characteristics
TJ = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
1.8
2.8
2.8
2.1
3.2
3.2
2.4
3.8
3.8
VIF = 20 mA
Reverse Voltage
Red
Green & blue
VR
5
5
V
IF = 100 μA
IF = 10 μA
Dominant Wavelength [1]
Red
Green
Blue
Od
618
520
460
626
525
470
630
540
480
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
OPEAK
634
516
464
nm
Peak of Wavelength of
Spectral Distribution
at IF = 20 mA
Thermal Resistance
R
TJ-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Red
Green
Blue
KV
150
530
65
lm/W
Emitted Luminous
Power/Emitted Radiant
Power
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/
KV where IV is the luminous intensity in candelas and KV is
the luminous efficacy in lumens/watt.


Número de pieza similar - HLMP-HM64-Y30XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM61 AVAGO-HLMP-HM61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM61-Y30ZZ AVAGO-HLMP-HM61-Y30ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM63 AVAGO-HLMP-HM63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM63-Y30XX AVAGO-HLMP-HM63-Y30XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM65 AVAGO-HLMP-HM65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Descripción similar - HLMP-HM64-Y30XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com