Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UFTC-7CN01 Datasheet(PDF) 1 Page - OKI electronic componets

No. de pieza UFTC-7CN01
Descripción Electrónicos  UFTC Tip Cartridges for Metcal UltraFineTMHand-piece
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

UFTC-7CN01 Datasheet(HTML) 1 Page - OKI electronic componets

  UFTC-7CN01 Datasheet HTML 1Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!! 1
=700Seriesformoststandardapplications.8=800Seriesforceramicandhighthermaldemandapplications.0=600Seriesalsoavailablefortemperaturesensitive
applications.Toordertheseseries,replace1with8or0.
!!!! 7
=700Seriesformoststandardapplications.8=800Seriesforceramicandhighthermaldemandapplications.Toorderthisseries,replace7with8.
Download the Surface Mount Removal Techniques using MX-5000 Soldering and Rework System technical note from
www.metcal.com
10
Long Reach
Standard
0.400"
UFTC Tip Cartridges for Metcal UltraFineTMHand-piece
ø A mm (")
ø B mm (")
STDC-
102!!
Cartridge, Desolder
0.64mm (0.025")
1.40mm (.055")
STDC-
103!!
Cartridge, Desolder
0.76mm (0.076")
1.68mm (.066")
STDC-
104!!
Cartridge, Desolder
1.02mm (0.04")
1.78mm (.070")
STDC-
105!!
Cartridge, Desolder
1.27mm (0.05")
2.03mm (.080")
STDC-
106!!
Cartridge, Desolder
1.52mm (0.06")
2.29mm (.090")
STDC-
107!!
Cartridge, Desolder
2.41mm (0.095")
3.18mm (.125")
STDC-
703L!!!! Cartridge,DesolderLongReach
0.76mm (0.03")
1.68mm (.066")
STDC-
704L!!!! Cartridge,DesolderLongReach
1.02mm (0.04")
1.79mm (.070")
STDC-
705L!!!! Cartridge,DesolderLongReach
1.27mm (0.05")
2.03mm (.080")
STDC Desolder Cartridges for Desoldering Hand-piece
The Metcal MX-DS1 Desoldering Hand-piece provides exceptional ability for safely desoldering through-hole components.
The high-mass STDC cartridges store a high volume of heat while maintaining a non-damaging constant temperature.
Coupled with the MX-5000 power supply, heat is rapidly replenished, dynamically responding to the load conditions.
7
=700Seriesformoststandardapplications.UFTCTipCartridgesareonlyavailablein700Series
UFTC-
7CN01
UFTC-
7CH08
UFTC-
7CN02
UFTC-
7CH12
UFTC-
7CN04
UFTC-
7CHL06
UFTC-
7CNL04
UFTC-
7CHL08
UFTC-
7CNB02
UFTC-
7DRH408
UFTC-
7CNB04
UFTC-
7DRH412
UFTC-
7CH06
9
UltraFineTip Cartridge, Conical
0.13mm x 5.1mm (0.005" x 0.2")
UltraFineTip Cartridge, Chisel
0.8mm x 5.1mm (0.03"x0.2")
UltraFineTip Cartridge, Chisel
1.2mm x 5mm (0.05"x0.2")
UltraFineTipCartridge,Chisel,Long
0.6mmx9mm(0.024"x0.35")
UltraFineTipCartridge,Chisel,Long
0.8mmx9mm(0.03"x0.35")
UltraFineTipCartridge,Hoof,Micro
0.8mmx5.1mm(0.03"x0.2")
UltraFineTip Cartridge, Conical
0.2mm x 5mm (0.01" x 0.2")
UltraFineTip Cartridge, Conical
0.4mm x 5mm (0.02" x 0.2")
UltraFineTipCartridge,Conical,
Long0.4mmx9mm(0.02"x0.31")
UltraFineTipCartridge,Conical,Bent
0.2mmx5.5mm(0.01"x0.22")
UltraFineTipCartridge,Conical,Bent
0.4mmx5.5mm(0.02"x0.22")
UltraFineTip Cartridge, Chisel
0.6mm x 5.1mm (0.024"x0.2")
UltraFineTipCartridge,Hoof,Micro
1.2mmx5.1mm(0.048"x0.2")
NEW


Número de pieza similar - UFTC-7CN01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UFT-1 ETC2-UFT-1 Datasheet
69Kb / 2P
   UNIVERSAL FLOW TRANSMITTER
UFT-1A-1 ETC2-UFT-1A-1 Datasheet
69Kb / 2P
   UNIVERSAL FLOW TRANSMITTER
UFT-1A-2 ETC2-UFT-1A-2 Datasheet
69Kb / 2P
   UNIVERSAL FLOW TRANSMITTER
UFT-1A-3 ETC2-UFT-1A-3 Datasheet
69Kb / 2P
   UNIVERSAL FLOW TRANSMITTER
UFT-1AE-1 ETC2-UFT-1AE-1 Datasheet
69Kb / 2P
   UNIVERSAL FLOW TRANSMITTER
More results

Descripción similar - UFTC-7CN01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Neutrik AG
NP3TB-B NEUTRIK-NP3TB-B Datasheet
61Kb / 3P
   One-piece Tip conductor ensures secure conductivity
logo
Pentair plc. All rights...
QL3 PENTAIR-QL3 Datasheet
249Kb / 2P
   FILTER HEAD EXCLUSIVELY FOR EVERPURE REPLACEMENT CARTRIDGES
FLOPLUS PENTAIR-FLOPLUS Datasheet
597Kb / 2P
   MODIFIED MOLDED CARBON BLOCK CARTRIDGES
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
logo
List of Unclassifed Man...
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
logo
CUI INC
SJ2-35364B-SMT-TR CUI-SJ2-35364B-SMT-TR Datasheet
484Kb / 4P
   tip switch
SJ2-35464B-SMT-TR CUI-SJ2-35464B-SMT-TR Datasheet
414Kb / 4P
   tip switch
logo
Coilcraft lnc.
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
   Tip and Ring Filters for Critical Applications
logo
IOGEAR
GSTY200 IOGEAR-GSTY200 Datasheet
126Kb / 2P
   Accu-Tip Stylus for Tablets and Smartphones
logo
Pasternack Enterprises,...
PE9961 PASTERNACK-PE9961 Datasheet
88Kb / 1P
   BREAKOUT, CRIMP ON FOR RG59, STACKING TIP PLUGS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com