Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFR9224TF Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza SFR9224TF
Descripción Electrónicos  Avalanche Rugged Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9224TF Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SFR9224TF Datasheet HTML 1Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 2Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 3Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 4Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 5Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 6Page - Fairchild Semiconductor SFR9224TF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current
SFR/U9224
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
- 15 V
- 10V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
Bottom : - 4.5 V
-V
DS
, Drain-Source Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= -40 V
3. 250
µs Pulse Test
-V
GS , Gate-Source Voltage
[V]
0
2
4
6
8
10
0
1
2
3
4
5
6
@ Note : T
J
= 25
o
C
V
GS
= -20 V
V
GS
= -10 V
-I
D
, Drain Current [A]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
-V
SD , Source-Drain Voltage
[V]
0
3
6
9
12
15
18
0
5
10
V
DS
= -200 V
V
DS
= -125 V
V
DS
= -50 V
@ Notes : I
D
=-2.7 A
Q
G
, Total Gate Charge [nC]
10
0
10
1
0
200
400
600
800
C
iss
= C
gs
+ C
gd
( C
ds
= shorted )
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
@ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS
, Drain-Source Voltage [V]


Número de pieza similar - SFR9224TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SFR9224 FAIRCHILD-SFR9224 Datasheet
265Kb / 7P
   Advanced Power MOSFET
More results

Descripción similar - SFR9224TF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFR130ATM FAIRCHILD-IRFR130ATM Datasheet
263Kb / 7P
   Avalanche Rugged Technology
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
SFR9220TF FAIRCHILD-SFR9220TF Datasheet
259Kb / 7P
   Avalanche Rugged Technology
logo
Inchange Semiconductor ...
BUZ11A ISC-BUZ11A Datasheet
66Kb / 2P
   Avalanche rugged technology
logo
Fairchild Semiconductor
SFU9120TU FAIRCHILD-SFU9120TU Datasheet
234Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
IRLU110ATU FAIRCHILD-IRLU110ATU Datasheet
246Kb / 9P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com