Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25C041U Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FM25C041U
Descripción Electrónicos  4K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C041U Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM25C041U Datasheet HTML 1Page - Fairchild Semiconductor FM25C041U Datasheet HTML 2Page - Fairchild Semiconductor FM25C041U Datasheet HTML 3Page - Fairchild Semiconductor FM25C041U Datasheet HTML 4Page - Fairchild Semiconductor FM25C041U Datasheet HTML 5Page - Fairchild Semiconductor FM25C041U Datasheet HTML 6Page - Fairchild Semiconductor FM25C041U Datasheet HTML 7Page - Fairchild Semiconductor FM25C041U Datasheet HTML 8Page - Fairchild Semiconductor FM25C041U Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.fairchildsemi.com
FM25C041U Rev. B
FM25C041U
4K-Bit SPI™ Interface
Serial CMOS EEPROM
Block Diagram
February 2002
© 2002 Fairchild Semiconductor Corporation
Instruction
Decoder
Control Logic
and Clock
Generators
High Voltage
Generator
and
Program
Timer
Instruction
Register
Program
Enable
Data In/Out Register
8 Bits
Data Out
Buffer
Non-Volatile
Status Register
Decoder
Address
Counter/
Register
EEPROM Array
Read/Write Amps
/CS
/HOLD
SCK
VCC
VSS
VPP
/WP
SI
SO
General Description
The FM25C041U is a 4K (4,096) bit serial interface CMOS
EEPROM (Electrically Erasable Programmable Read-Only
Memory). This device fully conforms to the SPI 4-wire protocol
which uses Chip Select (/CS), Clock (SCK), Data-in (SI) and Data-
out (SO) pins to synchronously control data transfer between the
SPI microcontroller and the EEPROM. In addition, the serial
interface allows a minimal pin count, packaging designed to
simplify PC board layout requirements and offers the designer a
variety of low voltage and low power options.
This SPI EEPROM family is designed to work with the 68HC11 or
any other SPI-compatible, high-speed microcontroller and offers
both hardware (/WP pin) and software ("block write") data protec-
tion. For example, entering a 2-bit code into the STATUS REGIS-
TER prevents programming in a selected block of memory and all
programming can be inhibited by connecting the /WP pin to V
SS;
allowing the user to protect the entire array or a selected section.
In addition, SPI devices feature a /HOLD pin, which allows a
temporary interruption of the datastream into the EEPROM.
Fairchild EEPROMs are designed and tested for applications
requiring high endurance, high reliability, and low power con-
sumption for a continuously reliable non-volatile solution for all
markets.
Functions
I SPI MODE 1 interface
I 4,096 bits organized as 512 x 8
I Extended 2.7V to 5.5V operating voltage
I 2.1 MHz operation @ 4.5V - 5.5V
I Self-timed programming cycle
I "Programming complete" indicated by STATUS REGISTER
polling
I /WP pin and BLOCK WRITE protection
Features
I Sequential read of entire array
I 4 byte "Page write" mode to minimize total write time per
byte
I /WP pin and BLOCK WRITE protection to prevent inadvert-
ent programming as well as programming ENABLE and
DISABLE opcodes.
I /HOLD pin to suspend data transfer
I Typical 1µA standby current (I
SB) for "L" devices and 0.1µA
standby current for "LZ" devices.
I Endurance: Up to 1,000,000 data changes
I Data retention greater than 40 years
SPI™ is a trademark of Motorola Corporation


Número de pieza similar - FM25C041U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UE FAIRCHILD-FM25C040UE Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040UV FAIRCHILD-FM25C040UV Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Descripción similar - FM25C041U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com