Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25C040UV Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FM25C040UV
Descripción Electrónicos  4K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C040UV Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FM25C040UV Datasheet HTML 2Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 3Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 4Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 5Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 6Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 7Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 8Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 9Page - Fairchild Semiconductor FM25C040UV Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.fairchildsemi.com
FM25C040U Rev. B
Pin Description
Chip Select (/CS)
This is an active low input pin to the EEPROM and is generated by
a master that is controlling the EEPROM. A low level on this pin
selects the EEPROM and a high level deselects the EEPROM. All
serial communications with the EEPROM is enabled only when
this pin is held low.
Serial Clock (SCK)
This is an input pin to the EEPROM and is generated by the master
that is controlling the EEPROM. This is a clock signal that
synchronizes the communication between a master and the
EEPROM. All input information (SI) to the EEPROM is latched on
the rising edge of this clock input, while output data (SO) from the
EEPROM is driven after the falling edge of this clock input.
Serial Input (SI)
This is an input pin to the EEPROM and is generated by the master
that is controlling the EEPROM. The master transfers Input
information (Instruction Opcodes, Array addresses and Data)
serially via this pin into the EEPROM. This Input information is
latched on the rising edge of the SCK.
Serial Output (SO)
This is an output pin from the EEPROM and is used to transfer
Output data via this pin to the controlling master. Output data is
serially shifted out on this pin after the falling edge of the SCK.
Hold (/HOLD)
This is an active low input pin to the EEPROM and is generated by
the master that is controlling the EEPROM. When driven low, this
pin suspends any current communication with the EEPROM. The
suspended communication can be resumed by driving this pin
high. This feature eliminates the need to re-transmit the entire
sequence by allowing the master to resume the communication
from where it was left off. This pin should be tied high if this feature
is not used. Refer Hold Function description for additional
details.
Write Protect (/WP)
This is an active low input pin to the EEPROM. This pin allows
enabling and disabling of writes to memory array and status
register of the EEPROM. When this pin is held low, writes to the
memory array and status register are disabled. When this pin is
held high, writes to the memory array and status register are
enabled. Status of this pin does not affect operations other than
array write and status register write. /WP signal going low at any
time will inhibit programming, except when an internal write has
already begun. If an internal write cycle has already begun, /WP
signal going low will have no effect on the write. Refer Table1 for
Write Protection matrix.
Functional Description
The Serial Peripheral Interface (SPI) of FM25C040U consists of
an 8-bit Instruction register to decode a specific instruction to be
executed. Six different instructions (Opcodes) are incorporated
on FM25C040U for various operations. Table2 lists the instruc-
tions set and the format for proper operation. All Opcodes, Array
addresses and Data are transferred in “MSB first-LSB last”
fashion. Detailed information is provided under individual instruc-
tion descriptions.
TABLE 2. Instruction Set
Instruction Instruction
Operation
Name
Opcode
WREN
00000110
Write Enabled
WRDI
00000100
Write Disabled
RDSR
00000101
Read Status Register
WRSR
00000001
Write Status Register
READ
0000A011
Read Data from Memory
Array
WRITE
0000A010
Write Data to Memory Array
Note:
As the FM25C040U requires 9 address bits (4,096
÷ 8 = 512 bytes = 29),
the 9th bit (for R/W instructions) is inputted in the Instruction Set Byte in bit I
3. This
convention only applies to 4K SPI protocol.
In addition to the Instruction register, FM25C040U also contains
an 8-bit Status register that can be accessed by RDSR and WRSR
instructions. Only the least significant (LSB) 4 bits are defined at
present and the most significant (MSB) 4 bits are undefined (don’t
care). The LSB 4 bits define Block Write Protection levels (BP1and
BP0), Write-enable status (WEN) and Busy/Rdy status (/RDY) of
the EEPROM. Table 3 illustrates the format:
TABLE 3. Status Register Format
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
7
6
54
32
1
0
X
X
X
X
BP1
BP0
WEN
RDY
Refer RDSR and WRSR instruction descriptions for additional
information on Status register operations.
Table1. Write Protection Matrix
Protected Blocks
/WP Pin
WEN Bit
Status Register
(by BP1-BP0)
Unprotected Blocks
Low
X
Write Protected
Write Protected
Write Protected
High
0
Write Protected
Write Protected
Write Protected
High
1
Write Allowed
Write Protected
Write Allowed


Número de pieza similar - FM25C040UV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM25C041 FAIRCHILD-FM25C041 Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041UE FAIRCHILD-FM25C041UE Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041UV FAIRCHILD-FM25C041UV Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Descripción similar - FM25C040UV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com