Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FM3570MT20X Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
FM3570MT20X Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 8 page 4 www.fairchildsemi.com www.fairchildsemi.com FM3570 Rev. A The IIC protocol uniquely defines START and STOP conditions. A START condition is defined as a HIGH to LOW transition of the SDA signal while SCL is HIGH. A STOP condition is defined as a LOW to HIGH transition of the SDA signal while SCL is HIGH. These are shown in Figure 2. Device Addressing The device uses 7-bit IIC addressing.The address has been defined as 1001 110 if the ASEL input is ‘1’ and 0110 111 if the ASEL input is ‘0’. The address byte is the first byte of data sent after a start condition. This is the only address that this device will respond to. The device will not respond to the general call address 0000 000. Reading from the Registers Data can be read from both of the internal registers. All reads are non- destructive and do not change the value in the register or the internal state of the device. When a start condition is received with a read request, both registers can be read out in the following sequence: (1) SOPRA: Serial Output Port Register A (2) SPORB: Serial Output Port Register B (3) PIPR: PORT-I Value If so desired, only the SOPRA register can be read. This is accomplished by issuing a stop command after the acknowledge bit for the first byte is read. If no stop is issued, the device will output the registers in the above sequence. Writing to the Registers Data is written to the SOPR registers through the serial port interface. When a write request is received with the Start Address it is assumed that the intent is to write to the SOPR registers. The value placed in the least 6 significant bits of the register contain the new code to be placed in the SOPR A/B registers. The value of the two most significant bits must contain the address of the destina- tion register SOPRA or SOPRB. The internal non-volatile latch takes about 10 ms to update its data. The new data is reflected on the outputs after the internal non-volatile latch is updated, if the corresponding select bits (MXSx, OVRD and MUXSEL) are set to reflect the state of the non-volatile register. Register Read Sequence Slave SOPRA SOPRB PIPR S Address R A Register A Register A Register A P S 1001110 1 A 00bbbbbb A 00bbbbbb A 00bbbbbb A P Register Write Sequence Slave SOPRx S Address W A Register A S S 1001110 0 A xxbbbbbb A S xx = Register Selection bits (MXSB and MXSA) xx = 00 selects SOPRA, 01 selects SOPRB Register Write Sequence using Repeated Start Condition Slave SOPRA Slave SOPRx S Address R A Register A S Address W A Register A P S 1001110 1 A 00bbbbbb A S 1001110 0 A xxbbbbbb A P Figure 4 SDA SCL START Condition STOP Condition Note 1: Latched NMO state will be the value present on the NMO output at the time of the MUXSEL input transitioning from logic 0 to logic 1 state. Note 2: Output depends on previously selected state of MXSB and MXSA bits written to device. Multiplexer Logic The output multiplexer logic determines what value is actually output to the Y-port. The value that it output is dependent upon b7-b6 of the SOPRA and SOPRB registers, as well as the external MUXSEL and OVRD inputs. There is only one set of MXS bits in the SOPRA and SOPRB registers. Regardless of whether one writes to SPRA or SOPRB register for setting the MXS bits, the result is the same. These same bits appear in both the registers. If the MUXSEL is logic 0 and OVRD is logic 1, then, if b7, b6 is “10” then the value on the I-port is passed. when b7 is “00” the value of the SOPRA register is passed on the next IIC stop condition, and when b7 is “01” the value of the SOPRB register is passed on the next IIC stop condition. If MUXSEL is logic 1 and OVRD is logic 1, the input lines I0-4 are used to drive the outputs. The above table describes all the combinations. IIC Interface The IIC Interface is a standard slave interface. As a slave interface the device will not generate its own clock. Data can be read from and written into the device. Commands for reading and writing the registers are generated by the IIC Master. START and STOP Conditions OVRD MUXSEL MXSB MXSA Mux_ outputs No n_mux_ ouput 0 0 X X all 0’s all 0’s 01 X X Mux_ inputs latched NMO (see Note 1) 10 1 0 Mux_ inputs latched NMO (see Note 1) 10 0 0 From Non- volatile register (SOPRA) From No n- volatile register (SOPRA) 10 1 1 Do not use this c ombination 10 0 1 From Non- volatile register (SOPRB) From No n- volatile register (SOPRB) 1 1 N ote 2 N ote 1 Mux_i nputs From No n- volatile register (SOPRA or SOPRB) Figure 2. START & STOP Conditions |
Número de pieza similar - FM3570MT20X |
|
Descripción similar - FM3570MT20X |