Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM27C040VE90 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FM27C040VE90
Descripción Electrónicos  4,194,304-Bit 512K x 8 High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C040VE90 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM27C040VE90 Datasheet HTML 1Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 2Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 3Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 4Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 5Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 6Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 7Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 8Page - Fairchild Semiconductor FM27C040VE90 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
FM27C040 Rev. A
Connection Diagrams
Note:
Compatible EPROM pin configurations are shown in the blocks adjacent to the FM27C040 pin.
Commercial Temperature Range
(0
°C to +70°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
FM27C040 Q, N, V 90
90
FM27C040 Q, N, V 120
120
FM27C040 Q, N, V 150
150
Extended Temperature Range
(-40
°C to +85°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
FM27C040 QE, NE, VE 90
90
FM27C040 QE, NE, VE 120
120
FM27C040 QE, NE, VE 150
150
Package Types: FM27C040 Q, N,V XXX
Q = Quartz-Windowed Ceramic DIP
N = Plastic DIP
V = PLCC
• All packages conform to the JEDEC standard.
• All versions are guaranteed to function for slower speeds.
Pin Names
A0–A18
Addresses
CE/PGM
Chip Enable/Program
OE
Output Enable
O0–O7
Outputs
XX
Don’t Care (During Read)
DS800033-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C010
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C010
FM27C040
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
XX/PGM
NC
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3


Número de pieza similar - FM27C040VE90

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N120 FAIRCHILD-FM27C010N120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N150 FAIRCHILD-FM27C010N150 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010N90 FAIRCHILD-FM27C010N90 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
FM27C010NE120 FAIRCHILD-FM27C010NE120 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
More results

Descripción similar - FM27C040VE90

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
   4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com