Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM15T18AY Datasheet(PDF) 11 Page - STMicroelectronics |
|
SM15T18AY Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 12 page SM15TY Ordering information Doc ID 17865 Rev 3 11/12 5 Ordering information 6 Revision history Table 5. Ordering information Order code Marking Package Weight Base qty Delivery mode SM15TxxxAY/CAY(1) 1. Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See Table 2 for list of available devices and their order codes See Table 4 on page 10 SMC 0.25 g 2500 Tape and reel Table 6. Document revision history Date Revision Changes 15-Sep-2010 1 Initial release. 09-Nov-2011 2 Added order codes in Table 2 and Table 4. Updated Figure 5, 6, 7, and Table 1. Added Figure 11. Deleted old Table 2. Thermal parameter. Updated ISO 10605, C = 150 pF - R = 330 Ω: on page 1 27-Mar-2012 3 Added footnote on page 1. |
Número de pieza similar - SM15T18AY |
|
Descripción similar - SM15T18AY |