Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ12CA Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza SMBJ12CA
Descripción Electrónicos  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ12CA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMBJ12CA Datasheet HTML 2Page - STMicroelectronics SMBJ12CA Datasheet HTML 3Page - STMicroelectronics SMBJ12CA Datasheet HTML 4Page - STMicroelectronics SMBJ12CA Datasheet HTML 5Page - STMicroelectronics SMBJ12CA Datasheet HTML 6Page - STMicroelectronics SMBJ12CA Datasheet HTML 7Page - STMicroelectronics SMBJ12CA Datasheet HTML 8Page - STMicroelectronics SMBJ12CA Datasheet HTML 9Page - STMicroelectronics SMBJ12CA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
SMBJ
8/10
Doc ID 5616 Rev 10
Table 5.
Marking
Order code
Marking
Order code
Marking
SMBJ5.0A-TR
BUZ
SMBJ5.0CA-TR
BBZ
SMBJ6.0A-TR
BUA
SMBJ6.0CA-TR
BBA
SMBJ6.5A-TR
BUB
SMBJ6.5CA-TR
BBB
SMBJ8.5A-TR
BUC
SMBJ8.5CA-TR
BBC
SMBJ10A-TR
BUD
SMBJ10CA-TR
BBD
SMBJ12A-TR
BUE
SMBJ12CA-TR
BBE
SMBJ13A-TR
BUF
SMBJ13CA-TR
BBF
SMBJ15A-TR
BUG
SMBJ15CA-TR
BBG
SMBJ16A-TR
CUG
SMBJ16CA-TR
CBG
SMBJ18A-TR
BUH
SMBJ18CA-TR
BBH
SMBJ20A-TR
BUI
SMBJ20CA-TR
BBI
SMBJ22A-TR
BVA
SMBJ22CA-TR
CBH
SMBJ24A-TR
BUJ
SMBJ24CA-TR
BBJ
SMBJ26A-TR
BUK
SMBJ26CA-TR
BBK
SMBJ28A-TR
BUL
SMBJ28CA-TR
BBL
SMBJ30A-TR
BUM
SMBJ30CA-TR
BBM
SMBJ33A-TR
BUN
SMBJ33CA-TR
BBN
SMBJ36A-TR
CUN
SMBJ36CA-TR
CBN
SMBJ40A-TR
CUJ
SMBJ40CA-TR
CBJ
SMBJ43A-TR
CUW
SMBJ43CA-TR
CBW
SMBJ48A-TR
BUW
SMBJ48CA-TR
BBW
SMBJ58A-TR
BUO
SMBJ58CA-TR
BBO
SMBJ70A-TR
CUM
SMBJ70CA-TR
CBM
SMBJ85A-TR
BUQ
SMBJ85CA-TR
BBQ
SMBJ100A-TR
CUQ
SMBJ100CA-TR
CBQ
SMBJ130A-TR
BUS
SMBJ130CA-TR
BBS
SMBJ154A-TR
BUT
SMBJ154CA-TR
BBT
SMBJ170A-TR
BUU
SMBJ170CA-TR
BBU
SMBJ188A-TR
BUV
SMBJ188CA-TR
BBV


Número de pieza similar - SMBJ12CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Socay Electornics Co., ...
SMBJ12CA SOCAY-SMBJ12CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ12CA BYTES-SMBJ12CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ12CA UMW-SMBJ12CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
MDE Semiconductor, Inc.
SMBJ12CA MDE-SMBJ12CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMBJ12CA HUAXINAN-SMBJ12CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

Descripción similar - SMBJ12CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com