Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMC7G30US60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FMC7G30US60
Descripción Electrónicos  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC7G30US60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FMC7G30US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC7G30US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMC7G30US60 Rev. A3
5
1015
2025
30
0.5
1
10
20
Common Cathode
di/dt = 60A/us
T
C =
25℃
T
C = 100
I
rr
T
rr
Forward Current, I
F
[A]
Fig 20. Reverse Recovery Characteristics
Fig 19. Forward Characteristics
012
34
0
10
20
30
40
50
60
70
80
90
Common Cathode
V
GE = 0V
T
C =
25℃
T
C = 125
Forward Voltage, V
F [V]


Número de pieza similar - FMC7G30US60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FMC7G10US60 FAIRCHILD-FMC7G10US60 Datasheet
652Kb / 9P
   Compact & Complex Module
FMC7G15US60 FAIRCHILD-FMC7G15US60 Datasheet
659Kb / 9P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
More results

Descripción similar - FMC7G30US60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com