Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1585S Datasheet(PDF) 2 Page - Rohm

No. de pieza 2SA1585S
Descripción Electrónicos  Low VCE(sat) Transistor (??0V, ??A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SA1585S Datasheet(HTML) 2 Page - Rohm

  2SA1585S Datasheet HTML 1Page - Rohm 2SA1585S Datasheet HTML 2Page - Rohm 2SA1585S Datasheet HTML 3Page - Rohm 2SA1585S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1424 / 2SA1585S
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−20
−20
−6
120
240
35
−0.1
−0.1
390
−0.5
VIC
= −50
µA
IC
= −1mA
IE
= −50
µA
VCB
= −20V
VEB
= −5V
VCE
= −2V, IC= −0.1A
IC/IB
= −2A/ −0.1A
VCE
= −2V, IE=0.5A, f=100MHz
VCB
= −10V, IE=0A, f=1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Packaging specifications and hFE
TP
T100
5000
1000
QR
hFE
QR
2SA1585S
2SB1424
Type
Package
Code
Basic ordering
unit (pieces)
Taping
hFE values are classified as follows :
Item
Q
R
hFE
120 to 270
180 to 390
Electrical characteristic curves
−1m
−2m
−5m
−0.01
−0.02
−0.05
−0.1
−0.2
−0.5
−1
−2
−5
−10
0
−0.2 −0.4 −0.6 −0.8 −1.0 −1.2 −1.4
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1
Grounded emitter propagation
characteristics
VCE
= −2V
Ta
=100°C
−40°C
25
°C
0
−0.4
−0.8
−1.2
−1.6
−2.0
0
−0.2
−0.4
−0.6
−0.8
−1.0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
−2mA
−6mA
−4mA
Ta
=25°C
IB
=0A
−8mA
−10mA
−20mA
−12mA
−14mA
−16mA
−18mA
Fig.2
Grounded emitter output
characteristics ( )
0
−1
−2
−3
−4
−5
0
−1
−2
−3
−4
−5
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta
=25°C
−20mA
−25mA
−30mA
−35mA
−40mA
−5mA
−15mA
−10mA
IB
=0A
−45mA
−50mA
Fig.3
Grounded emitter output
characteristics ( )


Número de pieza similar - 2SA1585S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SA1585S ROHM-2SA1585S Datasheet
101Kb / 3P
   Low Vce(sat) Transistor (-20V, -3A)
2SA1585S ROHM-2SA1585S Datasheet
91Kb / 4P
   Low VCE(sat) Transistor (−20V, −3A)
logo
TRANSYS Electronics Lim...
2SA1585S TEL-2SA1585S Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
logo
Micro Commercial Compon...
2SA1585S MCC-2SA1585S Datasheet
55Kb / 1P
   PNP Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1585S WINNERJOIN-2SA1585S Datasheet
132Kb / 1P
   TRANSISTOR (PNP)
More results

Descripción similar - 2SA1585S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SB1424T100R ROHM-2SB1424T100R Datasheet
72Kb / 4P
   Low VCE(sat) Transistor (??0V, ??A)
logo
ON Semiconductor
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
logo
Rohm
DTB743ZE ROHM-DTB743ZE_11 Datasheet
968Kb / 3P
   200mA / ??0V Low VCE (sat) Digital transistors
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
   Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
   Low VCE(sat) Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com