Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM93C56LZEM8 Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FM93C56LZEM8
Descripción Electrónicos  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C56LZEM8 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FM93C56LZEM8 Datasheet HTML 7Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 8Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 9Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 10Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 11Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 12Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 13Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 14Page - Fairchild Semiconductor FM93C56LZEM8 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.fairchildsemi.com
FM93CS56 Rev. C.1
Timing Diagrams (Continued)
CS
SK
DI
DO
High - Z
Dummy
Bit
1
1
0
A7
A6
A1
A0
PRE
PE
0
D7
D1
D0
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
;;;;
;;;;
tCS
;;;
;;;
PROTECT REGISTER READ CYCLE (PRREAD)
Address
Bits(8)
Star t
Bit
Opcode
Bits(2)
93CS56:
Address bits patter n -> x-x-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
Address
Bits(8)
CS
PE
SK
DI
DO
High - Z
PROTECT REGISTER ENABLE CYCLE (PREN)
Star t
Bit
93CS56:
Address bits patter n -> 1-1-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
0
0
A7
A6
A1
A0
PRE
tCS
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
;;;;;;;;;
Address
Bits(8)
Data
Bits(16)
CS
PE
SK
DI
DO
High - Z
tCS
WRITE ALL CYCLE (WRALL)
Star t
Bit
93CS56:
Address bits patter n -> 0-1-x-x-x-x-x-x; (x -> Don't Care, can be 0 or 1)
Data bits patter n
-> User defined
Opcode
Bits(2)
1
0
0
A7
A6
A1
A0
D15
D14
D1
D0
PRE
Busy
Ready
tWP


Número de pieza similar - FM93C56LZEM8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56AE FAIRCHILD-FM93C56AE Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56AV FAIRCHILD-FM93C56AV Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56E FAIRCHILD-FM93C56E Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Descripción similar - FM93C56LZEM8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com