Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL1002A075SM Datasheet(PDF) 2 Page - Littelfuse

No. de pieza SL1002A075SM
Descripción Electrónicos  Gas Discharge Tube (GDT) Products SL1002A Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1002A075SM Datasheet(HTML) 2 Page - Littelfuse

  SL1002A075SM Datasheet HTML 1Page - Littelfuse SL1002A075SM Datasheet HTML 2Page - Littelfuse SL1002A075SM Datasheet HTML 3Page - Littelfuse SL1002A075SM Datasheet HTML 4Page - Littelfuse SL1002A075SM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
36
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1002A Series
SL1002A Series
Electrical Characteristics
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts1,2
(@100V/s)
Impulse
Breakdown
in Volts3,4
(@100V/μs)
Impulse
Breakdown
in Volts3,4
(@1kV/μs)
Insulation
Resistance
Capaci-
tance
(@1MHz
0V Bias)
Arc
Voltage
(on state
voltage)
@1Amp Min
Surge
Life
(@100A
10/1000μs)
Nominal
Impulse
Discharge
Current
(8/20μs)
Nominal
AC
Discharge
Current
(10x1s
@50-60Hz)
DC
Holdover
Voltage5
Max Impulse Discharge
Current
(1 Application)
MIN
TYP
MAX
MAX
MIN
MAX
TYP
TYP
@ 2/10 μs
@ 10/350 μs
SL1002A075
60
75
90
400
650
109 Ω
(at 50V)
1.2 pF
~15 V
300
shots6
10 shots7
(@ 5kA)
5 A
50 V
2 kA
1.5 kA
SL1002A090
72
90
108
SL1002A230
184 230 276
600
700
109 Ω
(at 100V)
135 V
SL1002A250
200 250 300
SL1002A260
210 260 310
SL1002A350
280 350 420
800
900
SL1002A470
376 470 564
900
1000
SL1002A600
480 600 720
1100
1200
SL1002A600SP
570 600 780
1200
1300
109 Ω
(at 500V)
Product Characteristics
Voltage vs. Time Characteristics
Materials
Construction = Ceramic Insulator
Device Finish = Dull Tin-plated 17.5 +/-12.5
microns
Product Marking
Littelfuse 'LF' Mark, voltage and date
code
Glow to Arc
Transition Current
< 0.5 Amps
Glow Voltage
~60 - 140 Volts
Storage and
Operational
Temperature
-40 to +90°C
Notes:
1. At delivery AQL 0.65 level II, DIN ISO 2859
2. In ionized mode
3. In ionized mode, tested according to ITU-T Rec. K.12
4. Comparable to the silicon measurement Switching Voltage (Vs)
5. Reference REA PE-80, 0.2A. Tested to ITU-T Rec. K.12 and REA PE-80 < 150 msecs.
6. 300 Applications [150(+) & 150(-)]
7. 10x[5x (+) & 5x (-)] Applications
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic
breakover voltage
Hold-over voltage
On-State voltage


Número de pieza similar - SL1002A075SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SL1002A075 LITTELFUSE-SL1002A075 Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Descripción similar - SL1002A075SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SL1002A230SM LITTELFUSE-SL1002A230SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SL1002A090SM LITTELFUSE-SL1002A090SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com