Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFB183G60SGJC019 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

No. de pieza LFB183G60SGJC019
Descripción Electrónicos  Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB183G60SGJC019 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

  LFB183G60SGJC019 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB183G60SGJC019 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Filters for Communication Equipment
7
o LFL18_TD (0603) Series
LFL18_TD Series
(in mm)
(1)(3):
(2):
(4):
GND
OUT
IN
Directional Input Mark
(4)
(1)
(2)
(3)
1.6
±0.1
0.6
±0.1
0.70
±0.15
0.45
±0.15
0.15
±0.10
Frequency Characteristics
-60
-40
-50
-30
-20
-10
0
1.00
1.50
2.00
2.50
3.00
3.50
4.00
Frequency (GHz)
Insertion Loss
Return Loss
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFL182G45TD2C153
2450.00
fo
±50.00
0.40 max.
(at 25
°C)
20 min.
at 4800~5000MHz
19 min.
at 7200~7500MHz
WLAN/BT
LFL185G42TD1A241
5425.00
fo
±525.00
0.60 max.
(at 25
°C)
25 min.
at 2xfo MHz
20 min.
at 3xfo MHz
WLAN
o LFL21_TC (0805) Series
LFL21_TC Series
2.00
±0.15
0.95
±0.10
0.3
+0.1
-0.15
0.3
+0.1
-0.2
0.3
+0.1
-0.2
0.35
±0.1
0.65
±0.05
0.20
±0.15
Directional
Input Mark
GND
NC
OUT
IN
Terminal of "NC" should be fixed to no connected pattern.
* All the technical data and information contained herein are subject to
change without prior notice.
(in mm)
(1)
(2)
(3)
(7)
(8)
(4)
(6)
(5)
(1)(3)(5)(7) :
(2)(6) :
(4) :
(8) :
Frequency Characteristics
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0.5
1.75
Frequency Range (GHz)
3.0
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFL21902MTC1A018
902.5
fo
±12.5
0.6 max.
(at 25
°C)
30 min.
at 2x(fo
±12.5)MHz
30 min.
at 3x(fo
±12.5)MHz
GSM
LFL211G90TC1A008
1907.5
fo
±12.5
0.47 max.
(at 25
°C)
30 min.
at 2x(fo
±12.5)MHz
25 min.
at 3x(fo
±12.5)MHz
PHS
LFL211G92TC1A060
1920
fo
±70
0.6 max.
(at 25
°C)
24 min.
at 3335~3700MHz
30 min.
at 3700~3820MHz
UMTS
(Band1)
LFL212G45TC1A007
2450
fo
±50
0.50 max.
(at 25
°C)
27 min.
at 2x(fo
±50.0)MHz
30 min.
at 3x(fo
±50.0)MHz
WLAN/BT
LFL215G25TC1A156
5250
fo
±100.0
0.70 max.
(at 25
°C)
24 min.
at 2x(fo
±100)MHz
19 min.
at 3x(fo
±100)MHz
WLAN/BT
LFL215G37TC1A210
5375
fo
±475
0.70 max.
(at 25
°C)
30 min.
at 2x(fo
±475)MHz
20 min.
at 3x(fo
±475)MHz
WLAN/BT
LFL215G51TC1A149
5512
fo
±363
0.70 max.
(at 25
°C)
30 min.
at 2x(fo
±363)MHz
20 min.
at 3x(fo
±363)MHz
WLAN/BT
LFL215G78TC1A155
5787.5
fo
±62.5
0.70 max.
(at 25
°C)
30 min.
at 2x(fo
±62.5)MHz
20 min.
at 3x(fo
±62.5)MHz
WLAN/BT
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Número de pieza similar - LFB183G60SGJC019

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LFB183G60SGJC019 MURATA-LFB183G60SGJC019 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB183G60SGJC019 MURATA1-LFB183G60SGJC019 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Descripción similar - LFB183G60SGJC019

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LFB182G45SG9E181 MURATA-LFB182G45SG9E181 Datasheet
168Kb / 2P
   LC Filters(BPF)
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFB151G81CD1B945 MURATA-LFB151G81CD1B945 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB182G45CGFD436 MURATA-LFB182G45CGFD436 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFB185G54CGLD602 MURATA-LFB185G54CGLD602 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB152G45CB2D320 MURATA-LFB152G45CB2D320 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com